Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 34Page - STMicroelectronics L9960 Datasheet HTML 35Page - STMicroelectronics L9960 Datasheet HTML 36Page - STMicroelectronics L9960 Datasheet HTML 37Page - STMicroelectronics L9960 Datasheet HTML 38Page - STMicroelectronics L9960 Datasheet HTML 39Page - STMicroelectronics L9960 Datasheet HTML 40Page - STMicroelectronics L9960 Datasheet HTML 41Page - STMicroelectronics L9960 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 95 page
background image
Functional description
L9960, L9960T
38/95
DS11115 Rev 10
Note:
A minimum pulse width of 1 µs has to be guaranteed on driving control pins PWM/DIR for
the relative command acknlowdgement by internal logic.
In VVL mode, the bridge is controlled by these two inputs and according to the VVL status
as described in the table below:
A specific dead-time “TSW“ is implemented between high-side and low-side transistors
switching to avoid cross-conduction. It applies when switching from on-state to freewheeling
state and viceversa, regardless of the actual way to drive the H-bridge (PWD/DIR or
IN1/IN2). The total delay may be related to the switching Current slew rate selected by SPI.
The dead time is managed in the digital design, using analog feedback information from the
gate driver.
In order to avoid h-bridge misbehavior, it is strongly recommended to avoid working with
default settings: TSW_low_current = 0 is the only configuration allowed for all the
applications.
POR, BIST/HWSC and SW reset commands overwrite the configuration
TSW_low_current=0, so the application SW shall take care of resuming
TSW_low_current=1.
The bit TSW_low_current_echo is available for reading on the Configuration Request 1
register, for eventual runtime configuration check
Note:
(-) available in the D2 bit position in SPI command frame 3.
1
0
01
10
Reverse
1
1
1
0
1
0
HS Freewheeling(1)
1. It is advised against using this recirculation option in IN1/IN2 mode as L9960 is not safely protected against
external failures (i.e SCG). For IN1/IN2 mode only it is advised to recirculate (active freewheeling) on
low-side drivers only.
Table 41. IN1/IN2 mode H-bridge input (continued)
Inputs
Outputs (MOS Driver)
Condition
IN2 (DIR)
IN1 (PWM) OUT1_HS
OUT1_LS
OUT2_HS
OUT2_LS
Table 42. VVL mode H-bridge input
DIR
PWM
VVL phase
OUT1_HS
OUT1_LS
OUT2_HS
OUT2_LS
Condition
11
no active
with PWM=1
10
0
1
Forward
0
1
0
1
1
0
Reverse
x
0
T < TVVL
0
1
0
1
Freewheeling
x
0
T > TVVL
0
0
0
0
Tri-state
Table 43. TSW_low_current
Bit config
Description
Condition
0
Tsw activated on i_gate_fb only
-
1
Tsw activated on the last event between i_gate_fb or i_out_on
Reset value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com