Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 11Page - STMicroelectronics L9960 Datasheet HTML 12Page - STMicroelectronics L9960 Datasheet HTML 13Page - STMicroelectronics L9960 Datasheet HTML 14Page - STMicroelectronics L9960 Datasheet HTML 15Page - STMicroelectronics L9960 Datasheet HTML 16Page - STMicroelectronics L9960 Datasheet HTML 17Page - STMicroelectronics L9960 Datasheet HTML 18Page - STMicroelectronics L9960 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 95 page
background image
DS11115 Rev 10
15/95
L9960, L9960T
General electrical characteristics
94
3.2
Thermal ratings
3.3
Range of functionality
All voltages refer to GND.
Currents are positive into and negative out of the specified pin.
Table 5. Thermal ratings
Symbol
Parameter
Condition
Min
Max
Unit
Tstore
Storage temperature
-
-55
150
°C
RTh j-case
Junction-case thermal
resistance
With power applied on 2
power MOS
-2
°C/W
Table 6. Range of functionality
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Vps
Supply voltage
Up to 40 V for transient
pulses
Vps_uv_off
14
28
V
dVps/dt
Supply voltage slew rate
(Application info)
Up to 28 V
-20
20
V/µs
VDD5
Logic supply voltage
-
VDD5_uv
5
VDD5_ov
V
dVdd5/dt
Supply voltage slew rate
(Application info)
See shapes here below
-35
100
V/ms
Vi
Logic input voltage (SDI, SCLK,
NCS, DI, NDIS, DIR, PWM)
See also Max ratings
-0.3
VDD5_ov
V
VDDIO
SDO, NDIS output voltage
-
3
-
5.5
V
fspi
SPI max clock frequency
Guaranteed up to a
value of 5 MHz
--
5
MHz
fpwm
PWM frequency
Guaranteed up to a
value of 20 kHz
-
-
20
kHz
Tj
Junction temperature
(1)
-40
-
170
°C
Failure condition
170
-
OTsd
°C
R
L
Equivalent load range
(Application info)
-
0.5
0.3
-
10
10
Ohm
mH
1. The device is qualified according to mission profile covering 1300 hrs at Tj = 170 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com