Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 45Page - STMicroelectronics L9960 Datasheet HTML 46Page - STMicroelectronics L9960 Datasheet HTML 47Page - STMicroelectronics L9960 Datasheet HTML 48Page - STMicroelectronics L9960 Datasheet HTML 49Page - STMicroelectronics L9960 Datasheet HTML 50Page - STMicroelectronics L9960 Datasheet HTML 51Page - STMicroelectronics L9960 Datasheet HTML 52Page - STMicroelectronics L9960 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 95 page
background image
DS11115 Rev 10
49/95
L9960, L9960T
Functional description
94
Note:
(-) available in the R10,R9 bit positions in SPI command frame 3.
A register report the echo of CL[1:0] configuration register: "CL_echo[1:0]"
Note:
(-) available in the R11,R10 bit position in SPI answer frame 7a.
Effect of the temperature
Figure 23.
Effect of the temperature diagram
Table 57. CL[1:0]
2 bits combination
Description
Condition
00
Range 0
-
01
Range 1
reset value
10
Range 2
-
11
Range 3
-
Table 58. CL_echo[1:0]
2 bits status combination
Description
Condition
00
Echo Range 0 config
-
01
Echo Range 1 config
reset value
10
Echo Range 2 config
-
11
Echo Range 3 config
-
OTwarn
Temp
Ilim
B
A
D
Ilim_range_3
Ilim_range_2
Ilim_range_1
Ilim_range_0
Tsecure
OTsd
Ilim_reduction_range_3
= Ilim_Tsd3
Ilim_reduction_range_2
= Ilim_Tsd2
Ilim_reduction_range_1
= Ilim_Tsd1
Ilim_reduction_range_0
= Ilim_Tsd0
C
C
C
C
D
D
D
A
A
A
GAPGPS02652



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com