Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 6Page - STMicroelectronics L9960 Datasheet HTML 7Page - STMicroelectronics L9960 Datasheet HTML 8Page - STMicroelectronics L9960 Datasheet HTML 9Page - STMicroelectronics L9960 Datasheet HTML 10Page - STMicroelectronics L9960 Datasheet HTML 11Page - STMicroelectronics L9960 Datasheet HTML 12Page - STMicroelectronics L9960 Datasheet HTML 13Page - STMicroelectronics L9960 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
Block diagram and pin description
L9960, L9960T
10/95
DS11115 Rev 10
Table 2. Pin definition (PSSO36twin die) and function
Pin # Pin name
Function
I/O
Type
1
PGND1
Power Ground
GND
2
SCLK1
SPI Serial Clock Input (internal pull-up)
I
3
SDI1
SPI Data In Input (internal pull-up)
I
4
SDO1
SPI Serial Data Out. Tri-state output buffer, Transfers data to the µC
O
5
OUT1A
Output of DMOS half bridge 1 [device A]
O
6
7
NDIS1
Bidirectional Enable pin: open drain output pulled low in case of VDD
over/under voltage. If the input is pulled low OUT 1-2 go to tri-state.
I/O
8
AGND1
Analog Ground pin
GND
9
VDD5
Regulated 5V supply
I
10
NC
Not connected pin
11(1)
IN1B
Input Half Bridge 1 (internal pull-down) [device B]. Acting as PWM at
power-up, can be configured to IN1 via SPI frame
I
12(1)
IN2B
Input Half Bridge 2 (internal pull-down) [device B]. Acting as DIR at
power-up, can be configured as IN2 via SPI frame.
I
13(1)
VS2
Power supply voltage for Power Stages (external reverse protection
required)
I
14(1)
15(1)
CP2
Tank capacitor for Charge Pump output
O
16(1)
DIS2
Disable pin: if it is pulled high Out1-2 are in tri-state (internal pull-up)
I
17(1)
NCS2
SPI Chip Select Input (internal pull-up)
I
18(1)
OUT2B
Output of DMOS half bridge 2 [device B]
O
19(1)
PGND2
Power Ground
GND
20(1)
SCLK2
SPI Serial Clock Input (internal pull-up)
I
21(1)
SDI2
SPI Data In Input (internal pull-up).
I
22(1)
SDO2
SPI Serial Data Out
O
23(1)
OUT1B
Output of DMOS half bridge 1 [device B]. multi-bonding
O
24(1)
25(1)
NDIS2
Bidirectional Enable pin: open drain output pulled low in case of VDD
over/under voltage. If the input is pulled low OUT 1-2 go to tri-state.
I/O
26(1)
AGND2
Analog Ground pin
GND
27
VDDIO
Regulated 3.3/5V supply for SDO output buffer
I
28
NC
Not connected pin
-
29
IN1A
Input Half Bridge 1 (internal pull-down) [device A]. Acting as PWM at
power-up, can be configured to IN1 via SPI
I
30
IN2A
Input Half Bridge 2 (internal pull-down) [device A]. Acting as DIR at
power-up, can be configured as IN2 via SPI.
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com