Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 72 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 68Page - STMicroelectronics L9960 Datasheet HTML 69Page - STMicroelectronics L9960 Datasheet HTML 70Page - STMicroelectronics L9960 Datasheet HTML 71Page - STMicroelectronics L9960 Datasheet HTML 72Page - STMicroelectronics L9960 Datasheet HTML 73Page - STMicroelectronics L9960 Datasheet HTML 74Page - STMicroelectronics L9960 Datasheet HTML 75Page - STMicroelectronics L9960 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 95 page
background image
Functional description
L9960, L9960T
72/95
DS11115 Rev 10
When the TRIG command is set, the current sources needed to run the OFF state diagnosis
are turned-on. A delay is implemented to complete the settling of the current sources
(Tdiag_del).
Additionally, a filtering of the diagnosis is done. This filter time is Tstable_off and if the
diagnosis input is stable during Tstable_off, the diag is performed and the failure is latched.
If the diagnosis input is switching during Tstable_off, the diag is not performed and the filter
time is re-triggered on each edge of the diagnosis input.
A time-out (Ttimeout) is implemented in parallel to Tstable_off in order to filter out too long
and unstable input.
Here below the OpenLoad in Offstate diagram, showing two application cases.
Figure 32. Open load off state diagnosis diagram
The Off-state diagnostic table is reported as follows:
Off-state diagnostic principle
Note:
(-) available in the R2/R1/R0 bit position in SPI answer frame 9.
1. N o r m al o p er at i o n , n o f ai l u r e
2. S t ead y S t at e O p en L o ad f ai l u r e
Diag done / no failure
no diag done / diag sequence on-going
no diag done / diag sequence on-going
Open Load / Diag Done
tristate
tHZ
no failure
tristate
tHZ
no diag triggered / tHZ not expired
tDIAG_DEL
tDIAG_DEL
tstable
tstable
O_off_diag_en
( based on SPI request)
O_off_diag_en
( based on SPI request)
i_ol_off or i_sgnd_off or i_scb_off
i_ol_off
Open Load / Diag done
GAPGPS02362
Table 85. DIAG_OFF[2:0]
Bits status
Description
Priority
Condition
000
Not used
-
-
001
Open Load / Diag done
6(Highest)
-
010
Short circuit to BAT
5
-
011
Short circuit to GND
4
-
100
No failure / Diag done
3
-
101
No Diag triggered / incorrect state (active state or vps_uv
state)
2-
110
No Diag triggered / Thz not expired
1
-
111
No Diag done / Diag sequence (tdiag_del + tstable) on
going
0 (Lowest) Default value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com