Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 60 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 56Page - STMicroelectronics L9960 Datasheet HTML 57Page - STMicroelectronics L9960 Datasheet HTML 58Page - STMicroelectronics L9960 Datasheet HTML 59Page - STMicroelectronics L9960 Datasheet HTML 60Page - STMicroelectronics L9960 Datasheet HTML 61Page - STMicroelectronics L9960 Datasheet HTML 62Page - STMicroelectronics L9960 Datasheet HTML 63Page - STMicroelectronics L9960 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 95 page
background image
Functional description
L9960, L9960T
60/95
DS11115 Rev 10
4.8
Diagnostics and registers descriptions in case of validity bit
configuration
A detailed diagnostic of the H-bridge is available through SPI communication.
The diagnostic words are used to report the following information:
H-Bridge failures,
H-bridge functional status,
H-bridge HWSC test result.
A detailed diagnostic is performed using a validity concept. The concept of the validity of the
diagnostic is to provide the information “diagnostic done” OR “diagnostic NOT done”.
4.8.1
Diagnostic Reset strategy
When diagnosis bits are latched, they can only be released by one of the following
conditions:
Transition from "Disable" (High) to "Enable" (Low) on DIS pin,
Diagnostic register read by SPI (see details on each failure release) depending on
"DIAG_CLR_EN" bit status,
Reset condition.
Usually, when the diagnostic register is reset, the bridge is switched back to normal mode
driven by DIR and PWM or IN1 and IN2. All the settings are kept as before the failure. In
case of SPI read, no additional action on DIS is needed.
When the diagnosis is combined with a protection of the driver (driver put into tri-state), a
reading by spi clears the diagnosis, but the bridge is released only at the next PWM rising
edge event.
Tionh
Ion threshold filtering time
Digital anti glitch filters on
rising edge (guaranteed
through scan)
123
µs
Tionl
Digital anti glitch filters on
falling edge (guaranteed
through scan)
123
µs
Ihyst
Current hysteresis on Ion
Tj = -40°C to +150°
0.4
0.5
0.6
A
Table 71. Over-current detection electrical characteristics (continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com