Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 27Page - STMicroelectronics L9960 Datasheet HTML 28Page - STMicroelectronics L9960 Datasheet HTML 29Page - STMicroelectronics L9960 Datasheet HTML 30Page - STMicroelectronics L9960 Datasheet HTML 31Page - STMicroelectronics L9960 Datasheet HTML 32Page - STMicroelectronics L9960 Datasheet HTML 33Page - STMicroelectronics L9960 Datasheet HTML 34Page - STMicroelectronics L9960 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 95 page
background image
DS11115 Rev 10
31/95
L9960, L9960T
Functional description
94
Figure 12. HWSC timing diagram
Stop conditions for HWSC test
The HWSC is stopped by one of the following conditions:
HWSC duration time “Thwsc_dur” has expired
in case of a reset condition (RESET active)
Once the HWSC duration time “Thwsc_dur” has expired the internal signal HWSC_done is
set to "1", independently of the HWSC result.
HWSC failed
In case the HWSC has failed or is not done, all outputs are disabled.
HWSC is not done if it was not triggered or if is not finished (“Thwsc_dur” not expired)
Result of HWSC/LBIST test
HWSC/LBIST test status (3 bits) is requested by SPI command "states request 1":
Note:
(-) available in the R8/R7/R6 positions in SPI answer frame 8a.
Table 31. HWSC/LBIST_status
Bit status (b2 b1 b0)
Description
Condition
0xx
HWSC/LBIST not done
Default value
100
HWSC/LBIST done - HWSC FAIL/LBIST FAIL
101
HWSC/LBIST done - HWSC running/LBIST PASS
110
HWSC/LBIST done - HWSC FAIL/LBIST PASS
111
HWSC/LBIST done - HWSC PASS/LBIST PASS
GAPGPS02318
HWSC done
& passed
HWSC
trigger
VDD_OV_th
O_vdd_ov_ref
i_vdd_ov
0
1
HWSC passed
HWSC not done
tHWSCrestarted
VDD_OV_HWSC
0
1
0
1
HWSC failed
0
0
0
0
VDD5
V
HWSC_DUR
t
HWSC_REF
t
Thwsc_fil
0
0
1
0
HWSC_DIS
HWSC_DONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com