Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 59Page - STMicroelectronics L9960 Datasheet HTML 60Page - STMicroelectronics L9960 Datasheet HTML 61Page - STMicroelectronics L9960 Datasheet HTML 62Page - STMicroelectronics L9960 Datasheet HTML 63Page - STMicroelectronics L9960 Datasheet HTML 64Page - STMicroelectronics L9960 Datasheet HTML 65Page - STMicroelectronics L9960 Datasheet HTML 66Page - STMicroelectronics L9960 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 95 page
background image
DS11115 Rev 10
63/95
L9960, L9960T
Functional description
94
ILIM_REG
Current limitation mode
1
Latched
No
-
No
OTWARN
Over-temperature warning
0
Not
latched
No
-
No
OTWARN_REG
Over-temperature warning
0
Latched
No
-
No
NOTSD
Over-temperature shut down
1
Not
latched
Yes
-
No
NOTSD_REG
Over-temperature shut down
1
Latched
Yes
-
Yes
BRIDGE_EN
Bridge “Enable”
0
Not
latched
No
Hi-Z if
“0”
No
OCH0[1:0]
Over-current on high-side
transistor OUT 0
10
Latched
Yes
Hi-Z if
“00”
Yes
OCL0[1:0]
Over-current on low-side
transistor OUT 0
10
Latched
Yes
Hi-Z if
“00”
Yes
OCH1[1:0]
Over-current on high-side
transistor OUT 1
10
Latched
Yes
Hi-Z if
“00”
Yes
OCL1[1:0]
Over-current on low-side
transistor OUT 1
10
Latched
Yes
Hi-Z if
“00”
Yes
VDD_OV_L[2:0]
Counter for duration of
VDD_OV event
001
Latched
No
-
No
Error_count[3:0]
Number of over-current events
0000
Latched
Yes
-
no
CC_latch
-
1
Latched
No
Hi-Z if
"0"
Yes
NDIS status
-
-
Not
Latched
No
-
Yes
HWSC/LBIST_status
(1)
status of the HWSC/LBIST
000
Not
Latched
No
Yes
OTSDcnt[5:0]
Number of OTSD events
000000
Not
Latched
No
No
Load in Short Circuit
part of the general Overcurrent
Diagnostics
10
Latched
Yes
Hi-Z if
"11"
Yes
1. In case of SPI interrogation for HWSC/LBIST in between test execution, the answer could be "0xx".
Table 75. Diagnostics bits description (continued)
Name
Description
POR
value
Bit
State
DIAG_CLR_E
N impact
H-
bridge
state
reported
in
NGFAIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com