Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 73 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 69Page - STMicroelectronics L9960 Datasheet HTML 70Page - STMicroelectronics L9960 Datasheet HTML 71Page - STMicroelectronics L9960 Datasheet HTML 72Page - STMicroelectronics L9960 Datasheet HTML 73Page - STMicroelectronics L9960 Datasheet HTML 74Page - STMicroelectronics L9960 Datasheet HTML 75Page - STMicroelectronics L9960 Datasheet HTML 76Page - STMicroelectronics L9960 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 95 page
background image
DS11115 Rev 10
73/95
L9960, L9960T
Functional description
94
4.8.8
Off-state diagnostic electrical characteristics
Tj = -40 °C to 150 °C, VDD5 = 4.5 V to 5.5 V, Vps = 4 V to 28 V unless otherwise specified.
All voltages refer to GND. Currents are positive into and negative out of the specified pin.
4.9
SPI
A standard 16 bits Serial Peripheral Interface (SPI) is implemented to allow bi-directional
communication between the L9960 and the MCU.
The SPI is used for configuration and diagnostic purposes as well as identifying the L9960
(ASSP name).
The SPI interface of L9960 is a slave SPI interface: the master is the µcontroller which
provides NCS and SCLK to L9960. As far as MSB/LSB order is concerned, MSB is sent first.
Table 86. Off-state diagnostic electrical characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
OUT1_OL_Thr
Current threshold for
OpenLoad detection (in
relation with SCB range
defined below)
--30
-
OUT1_SCB
_Thr - 3µA
µA
OUT1_SCG_Thr
Current threshold for SCG
detection
-
-1200
-
-500
µA
OUT1_SCB_Thr
Current threshold for SCB
detection
-
100
-
500
µA
Thz
Delay time before allowing
off-state diagnostic
After disable, including reset
(guaranteed through scan)
200
250
300
ms
Tstable_off
Off-state diagnostic filtering
time
Starts at the end of Tdiag_del
Applied to the combination of
the 3 inputs (guaranteed
through scan)
36
40
50
µs
Tdiag_del
Settling time for Off-state
diagnostics current
generators; Timing for
reliable diagnostic
(guaranteed through scan)
600
749
900
µs
IOL (OUT2 pull
down current)
Current source used for the
detection
-
200
-
400
µA
Ttimeout
Off-state diagnosis time-out
(unstable diagnostics input
during Tstable_off)
Starts at the end of Tdiag_del
(guaranteed through scan)
78.4
10
ms
Vout_reg
OUT1 regulator output
voltage during Offstae
diagnostics
-
1.3
1.8
2.3
V
C_ESD
ESD capacitors connected
to OUT1 and OUT2. (1)
-
10
-
47
nF
1. See also paragraph 3.13.1 of the application note AN4867 on www.st.com website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com