Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 31Page - STMicroelectronics L9960 Datasheet HTML 32Page - STMicroelectronics L9960 Datasheet HTML 33Page - STMicroelectronics L9960 Datasheet HTML 34Page - STMicroelectronics L9960 Datasheet HTML 35Page - STMicroelectronics L9960 Datasheet HTML 36Page - STMicroelectronics L9960 Datasheet HTML 37Page - STMicroelectronics L9960 Datasheet HTML 38Page - STMicroelectronics L9960 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 95 page
background image
DS11115 Rev 10
35/95
L9960, L9960T
Functional description
94
Note:
(-) available in the D9/D8/D7/D6 bit position in SPI command frame 5.
VVL mode is deactivated (no tri-state phase) when the current limitation is active
The status of the TVVL is echoed through a SPI configuration request
Note:
(-) available in the R10/R9/R8/R7 bit position in SPI answer frame 7c.
IN1_IN2 mode
This mode changes the meaning of PWM/DIR and allows driving directly the half-bridge.
To enable this mode it is necessary:
1.
Program a dedicated SPI register (configuration2: IN1_IN2_if) set to '1'.
2.
PWM/DIR (IN1/IN2) inputs must be low to latch and apply the configuration (see Note).
Note:
In order to set back the default driving control mode (PWM/DIR) the same procedure has to
be followed: the SPI command bit IN1_IN2_if bit has to be set to '0' and IN1=IN2 has to be
set to '0' to latch and apply the configuration.
1000
800
-
1001
1600
-
1010
3200
-
1011
6500
-
1100
13000
-
1101
26000
-
1111
26000
Reset value
Table 35. TVVL[3:0] (µs) (continued)
4 bits combination
Description
Condition
Table 36. TVVL_echo[3:0]
4 bits Status combination
Description
Condition
0000
0
Not to be used if IN1/IN2 interface is selected
0001
6.4
0010
12.6
0011
24.8
0100
50.4
-
0101
100
-
0110
200
-
0111
400
-
1000
800
-
1001
1600
-
1010
3200
-
1011
6500
-
1100
13000
-
1101
26000
-
1111
26000
Default value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com