Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 51Page - STMicroelectronics L9960 Datasheet HTML 52Page - STMicroelectronics L9960 Datasheet HTML 53Page - STMicroelectronics L9960 Datasheet HTML 54Page - STMicroelectronics L9960 Datasheet HTML 55Page - STMicroelectronics L9960 Datasheet HTML 56Page - STMicroelectronics L9960 Datasheet HTML 57Page - STMicroelectronics L9960 Datasheet HTML 58Page - STMicroelectronics L9960 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 95 page
background image
DS11115 Rev 10
55/95
L9960, L9960T
Functional description
94
Figure 24. Thermal current limitation adjustment
An option (Tsecure) can be enabled via SPI and used to delay the decreasing of the Ilim_H
when temperature exceeds the OTwarn.
When this function is enabled if the temperature of the chip stays between OTwarn and
OTsd shorter than “OTWARN_TSEC_EN”, Ilim_H is not decreased and the device
continues working between dot B and C. After Tsecure if Tj is still higher than OTwarn, the
Ilim_H is reduced letting the device working on B-D line.
In case the option is not selected via SPI, once Otwarn thresholds is reached, the current
limitation will be adjusted according to line from dot B to D.
Note:
(-) available in the 0 (LSB) bit position in SPI command frame 5.
Note:
(-) available in the 0 (LSB) bit position in SPI answer frame 7c.
When OTwarn thermal threshold is reached, after a debouncing filter” T_OTwarn” the
information is stored and latched in a bit called OTWARN_REG.
Table 66. OTWARN_TSEC_EN
Bit config
Description
Comment
0
OTWARN_TSEC_EN not enabled
Default value
1
OTWARN_TSEC_EN enabled
-
OTwarn
Temp
Ilim
B
A
D
Ilim_range_3
Ilim_range_2
Ilim_range_1
Ilim_range_0
Tsecure
OTsd
Ilim_reduction_range_3
= Ilim_Tsd3
Ilim_reduction_range_2
= Ilim_Tsd2
Ilim_reduction_range_1
= Ilim_Tsd1
Ilim_reduction_range_0
= Ilim_Tsd0
C
C
C
C
D
D
D
A
A
A
GAPGPS02652
Table 67. OTWARN_TSEC_EN_echo
Bit config
Description
Comment
0
Echo OTWARN_TSEC_EN not enabled
Default value
1
Echo OTWARN_TSEC_EN enabled
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com