Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 93 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 87Page - STMicroelectronics L9960 Datasheet HTML 88Page - STMicroelectronics L9960 Datasheet HTML 89Page - STMicroelectronics L9960 Datasheet HTML 90Page - STMicroelectronics L9960 Datasheet HTML 91Page - STMicroelectronics L9960 Datasheet HTML 92Page - STMicroelectronics L9960 Datasheet HTML 93Page - STMicroelectronics L9960 Datasheet HTML 94Page - STMicroelectronics L9960 Datasheet HTML 95Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 93 / 95 page
background image
DS11115 Rev 10
93/95
L9960, L9960T
Revision history
94
7
Revision history
Table 101. Document revision history
Date
Revision
Changes
22-Jun-2015
1
Initial release.
25-Jun-2015
2
Updated CDM results in Section Table 4..
14-Sep-2015
3
Document status promoted from target specification to
production.
Updated:
– Description on page 1;
– Table 8: Timing characteristics (LS rise/fall time);
– Table 11: VPS electrical characteristics (Inserted limits for
Vs_clamp_neg);
– Table 63: Electrical characteristics (Updated limit for Itrack HS
range 2 and range 3, and update limits for CL hysteresis ,
range 0 and range 3);
– Table 71: Over-current detection electrical characteristics.
(corrected typo: thresholds range swap for OC range 3 for LS/HS);
– Table 4: Absolute maximum ratings (added note for ESD table
concerning HBM for OUTx and VPS).
– Table 98: SPI communication command and answer words
(added note for SPI command frame #3, #4 and #6).
07-Oct-2015
4
Table 71: Over-current detection electrical characteristics
corrected USL for Itrack.
Table 98: SPI communication command and answer words
updated Word ID “#6” from 0 to X; updated note “5”.
Table 99: SPI communication configuration updated Word ID
answer to #7d# (R9-R1 from 0 to X; updated note “1”.
02-Sep-2016
5
Modified title in cover page and added “AEC-Q100 qualified” as
first feature.
Updated:
– Table 6: Range of functionality: added note for Tj;
– Table 8: Timing characteristics for timings Td-On and Td_off;
– Figure 11: POR timing diagram;
– Table 32: HWSC/LBIST electrical characteristics: LBIST
duration and LBIST coverage;
– Section 4.6.2: Current slew rate,
– Section 4.6.3: Voltage slew rate: removed wrong note for OL
diagnostics in On-state not available during NOSR mode;
– Section 4.6.4: Current limitation: updated general description
on current limitation fucntionality, and corrected figure 20, 21
and 22 for Tdiag2 and ILIM_REG references.
Updated description and references for table 48 , 49 and 50;
– Table 8: Timing characteristics;
– Table 63: Electrical characteristics;
– Section 4.8.4: Diagnostic of "Over-current" in on-state
corrected typo in ISR limits;
– Section 4.8.5: Diagnostic of "Open Load" in on-state
description and corrected label for figure 28;
– Section 4.8.7: Off-state diagnostic.
Added Section 6: Reference document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com