Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 21Page - STMicroelectronics L9960 Datasheet HTML 22Page - STMicroelectronics L9960 Datasheet HTML 23Page - STMicroelectronics L9960 Datasheet HTML 24Page - STMicroelectronics L9960 Datasheet HTML 25Page - STMicroelectronics L9960 Datasheet HTML 26Page - STMicroelectronics L9960 Datasheet HTML 27Page - STMicroelectronics L9960 Datasheet HTML 28Page - STMicroelectronics L9960 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 95 page
background image
DS11115 Rev 10
25/95
L9960, L9960T
Functional description
94
Note:
(-) available in positions R11/R10/R9 of the SPI answer frame 12a.
A new VDD5_OV event overwrites the previous VDD5_OV length, except if the new
event length is shorter than the value defined in VDD5_OV_L.
A reading of VDD5_OV_L through SPI clears the current value; if an event is still
present when SPI reading occurs, the counter restarts counting until VDD5_OV
condition is removed or the counter itself has reached its max value.
Table 21. VDD_OV_L[2:0]
Bit status
min
max
Condition
000
not used
-
-
001
No VDD_OV event
-
default value
010
T_vdd_ov
10 ms
-
011
10 ms
30 ms
-
100
30 ms
100 ms
-
101
100 ms
300 ms
-
110
300 ms
1000 ms
-
111
1000 ms
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com