Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 48Page - STMicroelectronics L9960 Datasheet HTML 49Page - STMicroelectronics L9960 Datasheet HTML 50Page - STMicroelectronics L9960 Datasheet HTML 51Page - STMicroelectronics L9960 Datasheet HTML 52Page - STMicroelectronics L9960 Datasheet HTML 53Page - STMicroelectronics L9960 Datasheet HTML 54Page - STMicroelectronics L9960 Datasheet HTML 55Page - STMicroelectronics L9960 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 95 page
background image
Functional description
L9960, L9960T
52/95
DS11115 Rev 10
Table 63. Electrical characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Ilim_H
Current limitation high
threshold
Tj = -40°C
Point A
3.4
4.5
5.6
A
CL1:0 = 00 / range 0
Tj = Otwarn
Point B
3.2
4.3
5.4
A
Current limitation high
threshold
Tj = -40°C
Point A
5.4
7
8.6
A
CL1:0 = 01 / range 1
Tj = Otwarn
Point B
5.1
6.6
8.2
A
Current limitation high
threshold
Tj = -40°C
Point A
6.4
8.3
10.2
A
CL1:0 = 10 / range 2
Tj = Otwarn
Point B
6.1
7.9
9.7
A
Current limitation high
threshold
Tj = -40°C
Point A
8.8
10.7
12.8
A
CL1:0 = 11 / range 3
Tj = Otwarn Point B
8.1
10.1
12.2
A
Ilim_Tsd3
Current limitation high
threshold
Tj = Otsd
Point C
1.25
2.5
3.75
A
Above OTsd
CL1:0 = 11 / range 3
Ilim_Tsd2
Current limitation high
threshold
CL1:0 = 10 / range 2
0.97
1.95
2.92
Ilim_Tsd1
CL1:0 = 01 / range 1
0.83
1.65
2.48
Ilim_Tsd0
CL1:0 = 00 / range 0
0.54
1.08
1.62
Ihyst
Current hysteresis
Tj = -40 °C to
Tj = Otwarn; Segment AB
(range 1 and range 2)
0.35
0.5
0.8
A
Tj ≤ 25 °C
range 0 and range 3
0.35
0.5
0.88
A
Tj > 25 °C to Tj = Otwarn;
Segment AB; range 0 and range 3
0.35
0.5
0.8
A
Toffmin
Current limitation delay time
Digital delay (guaranteed
through scan)
30
-
45
µs
Toverlap
VMOS high and Iout low
overlapping time
Guaranteed by design
0
-
5
µs
Tdiag2
Blanking time
Vps > Vps_norm
Digital filter (guaranteed through
scan)
10
-
15
µs
Vps < Vps_norm
Digital filter (guaranteed through
scan)
15
-
20
µs
Vps_norm
Beside this Vps threshold the
blanking time is low
-8.9
-
9.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com