Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 35Page - STMicroelectronics L9960 Datasheet HTML 36Page - STMicroelectronics L9960 Datasheet HTML 37Page - STMicroelectronics L9960 Datasheet HTML 38Page - STMicroelectronics L9960 Datasheet HTML 39Page - STMicroelectronics L9960 Datasheet HTML 40Page - STMicroelectronics L9960 Datasheet HTML 41Page - STMicroelectronics L9960 Datasheet HTML 42Page - STMicroelectronics L9960 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 95 page
background image
DS11115 Rev 10
39/95
L9960, L9960T
Functional description
94
A register report the echo of Tsw_low_current Config: "Tsw_low_current echo"
Note:
(-) available in the R3 bit position in SPI answer frame 7a.
By convention (normal mode), for DIR=1, the current flows from OUT1 to OUT2, for
DIR = 0, the current flows from OUT2 to OUT1.
Figure 17. 4 cases of high-side/low-side activation (normal mode)
If IN1/IN2 mode is selected the convention is the following:
IN1=1, IN2=0 -> OUT1=1, OUT2=0 (Forward)
IN1=0, IN2=1 -> OUT1=0, OUT2=1 (Reverse)
IN1=0, IN2=0 -> OUT1=0, OUT2=0 (Freewheeling Low-Side)
IN1=1, IN2=1 -> OUT1=1, OUT2=1 (Freewheeling High-Side)
Table 44. TSW_low_current_echo
Bit status
Description
Condition
0
echo Tsw activated on i_gate_fb only
-
1
echo Tsw activated on the last event between i_gate_fb or i_out_on
Default value
OUT2
OUT1
OUT2
OUT1
OUT2
OUT1
OUT2
OUT1
HS1
HS2
LS2
LS1
DIR=1; PWM=1 (Forward)
DIR=1; PWM=0 (Freewheeling LS)
DIR=0; PWM=1 (Reverse)
DIR=0; PWM=0 (Freewheeling LS)
GAPGPS02334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com