Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 16Page - STMicroelectronics L9960 Datasheet HTML 17Page - STMicroelectronics L9960 Datasheet HTML 18Page - STMicroelectronics L9960 Datasheet HTML 19Page - STMicroelectronics L9960 Datasheet HTML 20Page - STMicroelectronics L9960 Datasheet HTML 21Page - STMicroelectronics L9960 Datasheet HTML 22Page - STMicroelectronics L9960 Datasheet HTML 23Page - STMicroelectronics L9960 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 95 page
background image
Functional description
L9960, L9960T
20/95
DS11115 Rev 10
Battery voltage monitoring electrical characteristics
Tj = -40 °C to 150 °C, VDD5 = 4.5 V to 5.5 V, Vps = 4 V to 28 V unless otherwise specified.
All voltages refer to GND. Currents are positive into and negative out of the specified pin.
Undervoltage protection
A counter is implemented to measure if two consecutive Vps under-voltage events occur
within a fixed time frame, defined by the parameter (UV_WIN), which is programmable via SPI
in two different values: 20 or 40 µs; if it happens, a specific bit named “UV_CNT_REACHED”
is set to 1 and the bridge is disabled.
The “UV_PROT_EN” bit is used to enable the counter UV_WIN and an echo answer is
available. In the tables below, the configuration and functions for each of these parameters
are shown:
Note:
(-) available in position D3 of the SPI command frame 4.
Note:
(-) available in position R3 of the SPI answer frame 7b.
Table 11. VPS electrical characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Vs_clamp_neg
Negative clamp on
VPS battery line
-3 A from VPS, 3 ms
-2.5
-
-0.5
V
Vps_uv_off
Vps under-voltage
threshold
Vps decreasing
3.7
-
4.2
V
Vps_uv_on
Vps under-voltage
threshold
Vps increasing
4.2
-
4.7
V
Vps_uv_hys
Vps under-voltage
hysteresis
-0.1
-
1
V
Tvps_uv
Vps under-voltage
filtering time
(guaranteed by scan)
Digital filter
1
-
3
µs
Table 12. UV_PROT_EN
Bit status
Description
Condition
0
Counter and disabling protection are not enabled
Reset value
1
Counter and disabling protection are enabled
-
Table 13. UV_PROT_EN_echo
Bit status
Description
Condition
0
Echo counter and disabling protection not enabled
Reset value
1
Echo counter and disabling protection enabled
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com