Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 33Page - STMicroelectronics L9960 Datasheet HTML 34Page - STMicroelectronics L9960 Datasheet HTML 35Page - STMicroelectronics L9960 Datasheet HTML 36Page - STMicroelectronics L9960 Datasheet HTML 37Page - STMicroelectronics L9960 Datasheet HTML 38Page - STMicroelectronics L9960 Datasheet HTML 39Page - STMicroelectronics L9960 Datasheet HTML 40Page - STMicroelectronics L9960 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 95 page
background image
DS11115 Rev 10
37/95
L9960, L9960T
Functional description
94
Note:
(-) available in the R9 bit position in SPI answer frame 8a.
The µC should be able to perform a SOPC (Switch-off path check). For that purpose, the
status of each disable line is also provided through SPI status of the followings pins: NDIS,
DIS, VDD5_OV, VDD5_UV.
The status of NDIS and DIS can be monitored by 2 SPI registers:
Note:
(-) available in the R11 bit position in SPI answer frame 8a.
Note:
(-) available in the R10 bit position in SPI answer frame 8a.
4.5.3
Control inputs DIR and PWM
The pins DIR and PWM are internally pulled down. In normal mode, the bridge is controlled
by these two inputs according to the following table:
Note:
A minimum pulse width of 1 µs has to be guaranteed on driving control pins PWM/DIR for
the relative command acknlowdgement by internal logic.
In IN1/IN2 mode, the bridge is controlled by these two inputs according to the table below:
Table 38. NDIS_status
Bit status
Description
Condition
0
NDIS pin = '0'
-
1
NDIS pin = '1'
-
Table 39. DIS_status
Bit status
Description
Condition
0
DIS pin = '0'
-
1
DIS pin = '1'
-
Table 40. Normal mode H-bridge input
DIR
PWM
OUT1_HS
OUT1_LS
OUT2_HS
OUT2_LS
Condition
111
0
0
1
Forward
010
1
1
0
Reverse
x
0
0
1
0
1
Freewheeling
Table 41. IN1/IN2 mode H-bridge input
Inputs
Outputs (MOS Driver)
Condition
IN2 (DIR)
IN1 (PWM) OUT1_HS
OUT1_LS
OUT2_HS
OUT2_LS
0
0
0
1
0
1
LS Freewheeling
0
1
10
01
Forward



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com