Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 44Page - STMicroelectronics L9960 Datasheet HTML 45Page - STMicroelectronics L9960 Datasheet HTML 46Page - STMicroelectronics L9960 Datasheet HTML 47Page - STMicroelectronics L9960 Datasheet HTML 48Page - STMicroelectronics L9960 Datasheet HTML 49Page - STMicroelectronics L9960 Datasheet HTML 50Page - STMicroelectronics L9960 Datasheet HTML 51Page - STMicroelectronics L9960 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 95 page
background image
Functional description
L9960, L9960T
48/95
DS11115 Rev 10
Figure 22. Current limitation schemes
Note:
See also Figure 21: Slew rate switching strategy.
The high threshold "Ilim_H" of the current limit is selectable by SPI through the bits called
"CL[1:0]". Four current limits are available to fulfill the transient current requirements of the
application. The default value is set to Range 1.
The low threshold "Ilim_L" is based on the high threshold (Ilim_L = Ilim_H – 0.5 (TYP)).
ILoad
Ilim_H
Ilim_L
MOS
PWM
ILoad
Ilim_H
Ilim_L
MOS
PWM
Fpwm = 1kHz --> MOS switching period is
determined by current limitation conditions
Tdiag2 Toffmin Tdiag2 Toffmin
Tliml
Tliml
Tdiag2
time
Fpwm = 10 kHz -> MOS switching period
corresponds to PWM switching period
Tdiag2
Toffmin
time
time
GAPGPS02340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com