Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 22Page - STMicroelectronics L9960 Datasheet HTML 23Page - STMicroelectronics L9960 Datasheet HTML 24Page - STMicroelectronics L9960 Datasheet HTML 25Page - STMicroelectronics L9960 Datasheet HTML 26Page - STMicroelectronics L9960 Datasheet HTML 27Page - STMicroelectronics L9960 Datasheet HTML 28Page - STMicroelectronics L9960 Datasheet HTML 29Page - STMicroelectronics L9960 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 95 page
background image
Functional description
L9960, L9960T
26/95
DS11115 Rev 10
VDD5 voltage monitoring electrical characteristics
Tj = -40 °C to 150 °C, VDD5 = 4.5 V to 5.5 V, Vps = 4 V to 28 V unless otherwise specified.
All voltages refer to GND. Currents are positive into and negative out of the specified pin.
4.1.4
VDDIO voltage supply
In order to ensure a full compatibility with 5 V and 3.3V MCU peripherals, a pin VDDIO is
dedicated to supply the output buffer of SDO.
The overall current consumption on VDDIO is "IVDDIO".
Table 22. VDD5 voltage monitoring Electrical characteristics
Symbol
Parameter
Condition
Min. Typ.
Max. Unit
VDD5_uv_th
VDD5 under-voltage detection threshold
VDD5 decreasing
Valid for the extended
range of temperature (1)
4.45
-
4.7
V
VDD5_uv_hys
VDD5 under-voltage hysteresis
VDD5 increasing
10
-
50
mV
TVDD5_uv1
VDD5 under-voltage filtering time for
bridge switched to Tri-state
Vpor < VDD5 <
VDD5_uv_off
Digital filter (guaranteed
through scan)
2
-
3.25
ms
TVDD5_uv2
VDD5 under-voltage filtering time for
NDIS pin pulled to ”LOW” level
VDD5 decreasing
Digital filter (guaranteed
through scan)
415
-
625
ms
VDD5_ov_th
VDD5 over-voltage detection threshold
VDD5 increasing
Valid for the extended
range of temperature
5.2
-
5.55
V
TVDD5_ov
VDD5 over-voltage filtering time
VDD5 increasing
Digital filter (guaranteed
through scan)
2
-
3.25
ms
VDD5_ov_hys VDD5 over-voltage hysteresis
VDD5 decreasing
10
-
50
mV
NDIS_VOL
NDIS output ON state threshold
On Load current = 5 mA
0
-
0.4
V
Thold_ndis
NDIS Hold time
Minimum time before
releasing NDIS after fault
disappearance
(guaranteed through scan)
2
-
3.25
ms
1.
Extended range of temperature (150, 170 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com