Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 10Page - STMicroelectronics L9960 Datasheet HTML 11Page - STMicroelectronics L9960 Datasheet HTML 12Page - STMicroelectronics L9960 Datasheet HTML 13Page - STMicroelectronics L9960 Datasheet HTML 14Page - STMicroelectronics L9960 Datasheet HTML 15Page - STMicroelectronics L9960 Datasheet HTML 16Page - STMicroelectronics L9960 Datasheet HTML 17Page - STMicroelectronics L9960 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 95 page
background image
General electrical characteristics
L9960, L9960T
14/95
DS11115 Rev 10
3
General electrical characteristics
3.1
Absolute maximum ratings
Warning:
Warning: stressing the device above the rating listed in the
“Absolute maximum ratings” table may cause permanent
damage to the device. These are stress ratings only and
operation of the device at these or any other conditions
above those indicated in the operating sections of this
specification is not implied. Exposure to the absolute
maximum ratings conditions for extended periods may affect
the device reliability.
Note:
Test circuit according to HBM (EIA/JESD22-A114-B) and CDM (EIA/JESD22-C101-C).
Table 4. Absolute maximum ratings
Symbol
Parameter
Condition
Min
Max
Unit
Vps
Supply voltage
Continuous
-1
40
V
Vout1,2
Output voltage
Continuous. OUT is limited by VPS
-1
40
V
VDD5
Logic supply voltage
0 V < Vps < 40 V
-0.3
19
V
VDDIO
SDO supply voltage
0V<Vps<40V
-0.3
19
V
VCP
VCP output voltage
-
-0.3
Vps+5
V
VIN
Logic input voltage (NCS, SDI, SCLK,
DIR, PWM, DIS, NDIS)
0V<Vps <40V
0V<VDD5 <19 V
-0.3
19
V
Vo
Logic output voltage (SDO, NDIS)
-0.3
19
V
-
Human body model ESD compliance
for pins: OUTx,VPS (not tested at
ATE)(1)
HBM (100 pF/1.5 kohm)
-4
4
kV
-
Human body model ESD compliance
for other pins than OUTx, VPS (not
tested at ATE)
HBM (100 pF/1.5 kohm)
-2
2
kV
-
Charge Device Model ESD compliance
for all pins (not tested at ATE)
CDM; according to Q100-011
classification C3B
-750
-500
750(2)
500(3)
V
V
-
ISO 7637 pulses
Cf. standards
-
-
-
-
Latch-up immunity
According to JEDEC 78 class 2 level A
1. Versus GND.
2. Corner pins.
3. All pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com