Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 7Page - STMicroelectronics L9960 Datasheet HTML 8Page - STMicroelectronics L9960 Datasheet HTML 9Page - STMicroelectronics L9960 Datasheet HTML 10Page - STMicroelectronics L9960 Datasheet HTML 11Page - STMicroelectronics L9960 Datasheet HTML 12Page - STMicroelectronics L9960 Datasheet HTML 13Page - STMicroelectronics L9960 Datasheet HTML 14Page - STMicroelectronics L9960 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
DS11115 Rev 10
11/95
L9960, L9960T
Block diagram and pin description
94
31
VS1
Power supply voltage for Power Stages (external reverse protection
required)
I
32
33
CP1
Charge Pump output
O
34
DIS1
Disable pin: if it is pulled high Out1-2 are in tri-state (internal pull-up)
I
35
NCS1
SPI Chip Select Input (internal pull-up)
I
36
OUT2A
Output of DMOS half bridge 2 [device A]. multi-bonding
O
EP
AGND1
Exposed Pad connected to PCB Ground
1. For L9960 version in PSSO36, the pins from 11 to 26 are not connected.
Table 2. Pin definition (PSSO36twin die) and function (continued)
Pin # Pin name
Function
I/O
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com