Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 42Page - STMicroelectronics L9960 Datasheet HTML 43Page - STMicroelectronics L9960 Datasheet HTML 44Page - STMicroelectronics L9960 Datasheet HTML 45Page - STMicroelectronics L9960 Datasheet HTML 46Page - STMicroelectronics L9960 Datasheet HTML 47Page - STMicroelectronics L9960 Datasheet HTML 48Page - STMicroelectronics L9960 Datasheet HTML 49Page - STMicroelectronics L9960 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 95 page
background image
Functional description
L9960, L9960T
46/95
DS11115 Rev 10
During phase B (voltage slope control), a constant gate current IB results in a defined
dVMOS/dt due to the Miller capacitance of the output stage. VS/R_th is the threshold
voltage for the voltage comparator connected to the output. VL is the low voltage of the
transistor.
4.6.4
Current limitation
A chopper current limitation is integrated in the L9960. This current limitation is used during
transient phases (for instance, fast move of the throttle) or in case of stalled motor shaft,
mainly to protect the actuator and also reduce the power dissipation inside the L9960.
When the current reaches the current limitation threshold, the information is stored and
latched in a bit called "ILIM_REG". This bit can be reset by the three methods defined
previously (SPI, DIS, RESET).
Note:
(-) available in the R3 bit position in SPI answer frame 8a.
The current limitation strategy is based on one threshold with hysteresis that leads to a
controlled current ripple.
As soon as current reaches ILIMH threshold (TlimH filter expiration) L9960 switches to
NOSR mode, the internal SR control (very fast SR), and the ILIM_REG bit in ON-Diagnosis
will be set to "1". Tdiag2 timing starts and overcurrent control is now enabled.
The Tdiag2 timing is used to ensure short circuit detection: in case current reaches Ioc
threshold (Toc filter implemented) before Tdiag2 expiration, the device will set the relative OVC
diagnosis bits (OCH0,OCH1,OCL0,OCL1) according to the 4 MOS overcurrent thresholds data.
L9960 is put in Tristate due to an "overcurrent" event that has been detected on at least one
MOS.
In case of NO OVC detection (no Ioc threshold reached) at the end of the Tdiag2 timing, the
device takes the control, deactivates the VVL mode (if selected), and enters current
limitation. The HS driver is switched off and it is forced an active freewheeling phase on both
LS drivers that decreases current during t_off_min. This timing is used to assure a
minimum recirculation time, to avoid any switch-on of the HS driver regardless of the
PWM="1" user command (T-off-min timing will be also triggered by any possible falling
edge on PWM before the end of Tdiag2 timing, since PWM information is still being
analyzed).
The value of the blanking time depends on a Vps threshold Vps_norm.
If VPS crosses the Vps_norm threshold while Tdiag2 has already started, its value is not
affected.
Table 56. ILIM_REG
Bit status
Description
Condition
0
Latched I < Ilim_H and Toff > Toffmin
default value
1
Latched I > Ilim_H and Tdiag2 expired
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com