Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 219 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 219 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 215Page - STMicroelectronics L9788 Datasheet HTML 216Page - STMicroelectronics L9788 Datasheet HTML 217Page - STMicroelectronics L9788 Datasheet HTML 218Page - STMicroelectronics L9788 Datasheet HTML 219Page - STMicroelectronics L9788 Datasheet HTML 220Page - STMicroelectronics L9788 Datasheet HTML 221Page - STMicroelectronics L9788 Datasheet HTML 222Page - STMicroelectronics L9788 Datasheet HTML 223Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 264 page
background image
DS12308 Rev 4
219/264
L9788
Micro second channel (MSC) interface
263
18.6
Upstream frame
See downstream paragraph for configuration register bits description. Bits highlighted in
orange are clear on read. Bits highlighted in green come from satellite logics, they need
VB_STBY in order to be correctly read.
18.6.1
Upstream Bit Map Read1 (CONFIG-REG 1-4)
Frame[1]
[7:6] WAKE_UP_TIMER_START_STOP:
Read start "10" or stop "01" status, (never read "00" or "11").
These bits are valid only if WUT is driven by MSC.
Table 93. MSC Interface Upstream Bit Map Read1
ADDRESS
DATA
A0 A1 A2 A3
D0
D1
D2
D3
D4
D5
D6
D7
FRAME1 0
0
0
0
CONFIG-REG 1
FRAME2 0
0
1
0
CONFIG-REG 2
FRAME3 0
0
0
1
CONFIG-REG 3
FRAME4 0
0
1
1
CONFIG-REG 4
source
logic on VB_IN (main logic)
access
read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com