Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 217 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 217 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 213Page - STMicroelectronics L9788 Datasheet HTML 214Page - STMicroelectronics L9788 Datasheet HTML 215Page - STMicroelectronics L9788 Datasheet HTML 216Page - STMicroelectronics L9788 Datasheet HTML 217Page - STMicroelectronics L9788 Datasheet HTML 218Page - STMicroelectronics L9788 Datasheet HTML 219Page - STMicroelectronics L9788 Datasheet HTML 220Page - STMicroelectronics L9788 Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 264 page
background image
DS12308 Rev 4
217/264
L9788
Micro second channel (MSC) interface
263
EN_Drivers command
The command Enable Drivers sets the bit Drivers_EN to "1" (UPS1 Frame 10 bit D1).
With Drivers_EN =1 all drivers controlled through control register can be activated using the
Data Frame.
After a reset or command Disable Drivers_EN = "0" and all drivers are disabled.
Disable Driver
Main relay Driver ON
Main relay Driver OFF
MRD_OFF_UC command
The Main Relay Driver is switched off for the time required to perform the off diagnosis and
then switched on again. The command can be activated if firstly is unlocked.
W
C0 C1 C2 C3 C4 C5 C6
D0
D1
D2
D3
D4
D5
D6
D7
EN-DRIVERS
0
1
1
0
0
0
1
1
0
0
1
1
0
0
1
W
C0 C1 C2 C3 C4 C5 C6
D0
D1
D2
D3
D4
D5
D6
D7
DISABLE-DRIVERS
0
1
1
0
0
0
1
0
1
1
0
0
1
1
0
W
C0 C1 C2 C3 C4 C5 C6
D0
D1
D2
D3
D4
D5
D6
D7
MRD_ON
0
1
1
0
0
0
1
1
1
0
0
0
1
1
1
W
C0 C1 C2 C3 C4 C5 C6
D0
D1
D2
D3
D4
D5
D6
D7
MRD_OFF
0
1
1
0
0
0
1
0
0
1
1
1
0
0
0
W
C0 C1 C2 C3 C4 C5 C6
D0
D1
D2
D3
D4
D5
D6
D7
MRD_UC
0
1
1
0
0
0
1
1
1
0
1
1
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com