Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 213 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 213 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 209Page - STMicroelectronics L9788 Datasheet HTML 210Page - STMicroelectronics L9788 Datasheet HTML 211Page - STMicroelectronics L9788 Datasheet HTML 212Page - STMicroelectronics L9788 Datasheet HTML 213Page - STMicroelectronics L9788 Datasheet HTML 214Page - STMicroelectronics L9788 Datasheet HTML 215Page - STMicroelectronics L9788 Datasheet HTML 216Page - STMicroelectronics L9788 Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 264 page
background image
DS12308 Rev 4
213/264
L9788
Micro second channel (MSC) interface
263
0: disable (default)
1: enable
Bits going to Wake Up Timer Logic
[2] WAKE_UP_TIMER_EN_SEL
Select the source of activation for the wake_up_timer
0: from MSC start/stop commands (default)
1: from KEY_IN 1->0
Bits going to Wake Up Timer Logic
[1] FIN_WAKE
0: satellite logics execute auto clear 1 second after power up (default)
1: micro confirmed power up, no auto clear after 1 second
[0] BIST_EN
Bist enable for regulators
0: disable (default)
1: enable
18.5.20
CONFIG-REG 21
[7] CAN_AUTO_BIAS
0: auto biasing disabled
1: auto biasing enabled (default)
[6] CAN_RXD_REC_EN
0: error handling disable
C
0
C
1
C
2
C
3
C
4
C
5
C
6
D0
D1
D2
D3
D4
D5
D6
D7
CONFIG
-REG 21
0
0 0 0 0 0 1
CAN_TX
_DOM_E
RR_CFG
OL_RED
BUCK
_SLO
W_SR
CAN_T
XD_DO
M _EN
CAN_PE
RM_RE
C_EN
CAN_
PERM
_DOM
_EN
CAN_
RXD_
REC_
EN
CAN_A
UTO_BI
AS
RW
DEFAULT
0
0
0
1
1
1
1
1
ACTIVATION
D0:D2
v3v3a_ov, v3v3a_uv, v3v3d_ov, v3v3d_uv, vdd5_uv, vddio_uv, sw_reset,
after_run_reset, RSTN_IN
D3:D7
the read bits are from satellite logic on VB_STBY and are not affected by reset
matrix
CONTROL ACCESS
D0:D7 bits active as level
RESET SOURCE
D0 locked bit
D1:D7 not locked bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com