Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 212 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 212 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 208Page - STMicroelectronics L9788 Datasheet HTML 209Page - STMicroelectronics L9788 Datasheet HTML 210Page - STMicroelectronics L9788 Datasheet HTML 211Page - STMicroelectronics L9788 Datasheet HTML 212Page - STMicroelectronics L9788 Datasheet HTML 213Page - STMicroelectronics L9788 Datasheet HTML 214Page - STMicroelectronics L9788 Datasheet HTML 215Page - STMicroelectronics L9788 Datasheet HTML 216Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 264 page
background image
Micro second channel (MSC) interface
L9788
212/264
DS12308 Rev 4
18.5.19
CONFIG-REG 20
[7] PDRV_O2H_DLY
Selection of delay time for switching from low to high current in predriver on/off transitions in
o2h configuration.
0: 150µs selected (default)
1: 300µs selected
[6] LIN_TX_DOM_ERR_CFG
LIN Tx enable after dominant error timeout:
0: re-enable as soon as Tx become recessive (default)
1: wait for error flag read
[5] CAN_TDI
CAN transmission depends on WDA:
0: WDA does not affect CAN (default)
1: disable transmission if WDA_INT active
[4] CAN_LOOP_EN
CAN looping mode enable:
0: disable (default)
1: enable
[3] KEY_OC_RETRY_MAX_EN
Enable a maximum number of retry after OVC, when wake up by key:
C
0
C
1
C
2
C
3
C
4
C
5
C
6
D0
D1
D2
D3
D4
D5
D6
D7
CONFIG-
REG 20
1
1 1 1 1 1 0
BIST_
EN
FIN_
WAK
E
WAKE_
UP_TIM
ER_EN
_SEL
KEY_OC
_RETRY
_MAX_E
N
CAN_LO
OP_EN
CAN_T
DI
LIN_TX_
DOM_E
RR_CFG
PDRV_O
2H_DLY
RW
DEFAULT
0
0
0
0
0
0
0
0
RESET SOURCE
D0:D1; D4:D7
v3v3a_ov, v3v3a_uv, v3v3d_ov, v3v3d_uv, vdd5_uv, vddio_uv, sw_reset,
after_run_reset, RSTN_IN
D2:D3
the read bits are from satellite logic on VB_STBY and are not affected by reset
matrix
ACTIVATION
D0 bit active as pulse
D1:D7 bits active as level
CONTROL ACCESS
D0:D3 not locked bits
D4:D7 locked bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com