Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 214 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 214 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 210Page - STMicroelectronics L9788 Datasheet HTML 211Page - STMicroelectronics L9788 Datasheet HTML 212Page - STMicroelectronics L9788 Datasheet HTML 213Page - STMicroelectronics L9788 Datasheet HTML 214Page - STMicroelectronics L9788 Datasheet HTML 215Page - STMicroelectronics L9788 Datasheet HTML 216Page - STMicroelectronics L9788 Datasheet HTML 217Page - STMicroelectronics L9788 Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 264 page
background image
Micro second channel (MSC) interface
L9788
214/264
DS12308 Rev 4
1: error handling enable (default)
[5] CAN_PERM_DOM_EN
0: error handling disable
1: error handling enable (default)
[4] CAN_PERM_REC_EN
0: error handling disable
1: error handling enable (default)
[3] CAN_TXD_DOM _EN
0: error handling disable
1: error handling enable (default)
All Bits going to CAN Logic
[2] BUCK_SLOW_SR
0: fast slew rate selected (default)
1: slow slew rate selected
[1] OL_RED
Select open load current:
0:0.8 mA max (default)
1: 0.2 mA max
[0] CAN_TX_DOM_ERR_CFG
CAN Tx enable after dominant error timeout:
0: re-enable as soon as Tx become recessive (default)
1: wait for error flag read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com