Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 209 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 209 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 205Page - STMicroelectronics L9788 Datasheet HTML 206Page - STMicroelectronics L9788 Datasheet HTML 207Page - STMicroelectronics L9788 Datasheet HTML 208Page - STMicroelectronics L9788 Datasheet HTML 209Page - STMicroelectronics L9788 Datasheet HTML 210Page - STMicroelectronics L9788 Datasheet HTML 211Page - STMicroelectronics L9788 Datasheet HTML 212Page - STMicroelectronics L9788 Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 264 page
background image
DS12308 Rev 4
209/264
L9788
Micro second channel (MSC) interface
263
18.5.17
CONFIG-REG 17
[7] O2H2_OC_TH
Select OVC threshold
0: threasold1 I_ovc1_o2h 4.5A typ
1: threasold2 I_ovc2_o2h 10A typ (default)
[6] O2H2_SR
Select SR threshold
0: typ 0,5 V/us (default)
1: typ 4 V/us
[4] O2H1_OC_TH
Select OVC threshold
0: threasold1 I_ovc1_o2h 4.5A typ
1: threasold2 I_ovc2_o2h 10A typ (default)
[3] O2H1_SR
Select SR threshold
0: typ 0,5 V/µs (default)
1: typ 4 V/µs
C
0
C
1
C
2
C
3
C
4
C
5
C
6
D0 D1 D2
D3
D4
D5
D6
D7
CONFIG-
REG
17_0
0 0 1 0 0 1 0
0
0
O2H1_SR O2H1_OC_TH
O2H2_SR
O2H2_OC_TH
RW
DEFAULT
0
0
1
0
0
1
RESET SOURCE
D2:D7
v3v3a_ov, v3v3a_uv, v3v3d_ov, v3v3d_uv, vdd5_uv, vddio_uv, sw_reset,
after_run_reset, RSTN_IN
ACTIVATION
D2:D7 bits active as level
CONTROL ACCESS
D2:D7 not locked bits
C
0
C
1
C
2
C
3
C
4
C
5
C
6
D0
D1
D2
D3
D4
D5
D6
D7
CONFIG-
REG 17_1
0
0
1
0 0 1
0
1
1
CAN
_EN
CAN_TX_
EN
CAN_WA
KEUP_E
N
CAN_PA
TTERN_E
N
CAN_RX
_EN
CAN_2_5
_MB
RW
DEFAULT
1
1
1
11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com