Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 207 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 207 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 203Page - STMicroelectronics L9788 Datasheet HTML 204Page - STMicroelectronics L9788 Datasheet HTML 205Page - STMicroelectronics L9788 Datasheet HTML 206Page - STMicroelectronics L9788 Datasheet HTML 207Page - STMicroelectronics L9788 Datasheet HTML 208Page - STMicroelectronics L9788 Datasheet HTML 209Page - STMicroelectronics L9788 Datasheet HTML 210Page - STMicroelectronics L9788 Datasheet HTML 211Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 264 page
background image
DS12308 Rev 4
207/264
L9788
Micro second channel (MSC) interface
263
18.5.15
CONFIG-REG 15
Application note: the minimum time distance between two consecutive accesses to the
Wake up timer SET registers is 2.5 µs.
Wake up timer_SET_x Bits go to, and are stored, in Wake Up Timer Logic.
Wake up timer_SET_x regs can be written only when WAKE_UP_TIMER_EN_SEL=0
(CONFIG_REG20 D2, MSC Start/Stop) and WAKE_UP_TIMER_START_STOP[0:1]=10
(CONFIG_REG1 D6-D7, Stop condition).
C
0
C
1
C
2
C
3
C
4
C
5
C
6
D0
D1
D2
D3
D4
D5
D6
D7
CONFIG-
REG15-0
(WUPT_0)
1
0 0 0 0 1 1
0
0
Wake up timer_SET_0[0:5]
RW
DEFAULT
0
0
0
0
0
0
CONFIG-
REG15-1
(WUPT_1)
1
0 0 0 0 1 0
0
1
Wake up timer_SET_1[6:11]
RW
DEFAULT
0
0
0
0
0
0
CONFIG-
REG15-2
(WUPT_2)
1
0 0 0 0 1 0
1
0
Wake up timer_SET_2[12:17]
RW
DEFAULT
0
0
0
0
0
0
CONFIG-
REG15-3
(WUPT_3)
1
0 0 0 0 1 1
1
1
Wake up timer_SET_3[23:18]
RW
DEFAULT
0
0
0
0
0
0
RESET SOURCE
D2:D7
The read bits are from satellite logic on VB_STBY and are not affected by
reset matrix
ACTIVATION
D2:D7 bits active as level
CONTROL ACCESS
D2:D7 not locked bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com