Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 204 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 204 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 200Page - STMicroelectronics L9788 Datasheet HTML 201Page - STMicroelectronics L9788 Datasheet HTML 202Page - STMicroelectronics L9788 Datasheet HTML 203Page - STMicroelectronics L9788 Datasheet HTML 204Page - STMicroelectronics L9788 Datasheet HTML 205Page - STMicroelectronics L9788 Datasheet HTML 206Page - STMicroelectronics L9788 Datasheet HTML 207Page - STMicroelectronics L9788 Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 264 page
background image
Micro second channel (MSC) interface
L9788
204/264
DS12308 Rev 4
1: enabled (default)
[1] VB_IN_OV_RST_EN
Enable the contribution of VB_IN_OV on BUCK /VDD5/ VTRK regulator in the reset matrix
0: disabled
1: enabled (default)
[0] TNL_RST_EN
enable the RSTN activation for TNL time on the positive edge of KEY_IN
1: enable (default)
0: disable
18.5.13
CONFIG-REG 13
[7] IDIAG_HIGH_PDRV
Increase the currents required for pre-drivers off diagnosis.
0: I_LS_PU2 (40 µA (min) I_LS_PD1(60 µsA (min))
1: I_LS_PU3 (100 µA (min) I_LS_PD2(350 µsA (min)) (default)
[6] IDIAG_HIGH_SOL
Increase the currents required for Solenoids off diagnosis.
0: I_LS_PU2 (40 µA (min) I_LS_PD1(60 µsA (min))
1: I_LS_PU3 (100 µA (min) I_LS_PD2(350 µsA (min)) (default)
[5] IDIAG_HIGH_INJ
Increase the currents required for Solenoids off diagnosis.
0: I_LS_PU2 (40 µA (min) I_LS_PD1(60 µsA (min))
1: I_LS_PU3 (100 µA (min) I_LS_PD2(350 µsA (min)) (default)
[4] IPUPD_EN_STR3
C
0
C
1
C
2
C
3
C4
C
5
C
6
D0
D1
D2
D3
D4
D5
D6
D7
CONFIG-
REG 13
1
1 0 1
1
0 1
WDA_PW
R_CNT_
OFF_DIS
IPUPD_
EN_STR
1
IPUPD_
EN_STR
2
IPUPD_
EN_STR
3
IDIAG_
HIGH_
INJ
IDIAG_
HIGH_S
OL
IDIAG_
HIGH_P
DRV
RW
DEFAULT
0
0
0
0
0
1
1
1
RESET SOURCE
D1:D7
v3v3a_ov, v3v3a_uv, v3v3d_ov, v3v3d_uv, vdd5_uv, vddio_uv, sw_reset,
after_run_reset, RSTN_IN
ACTIVATION
D1:D7 bits active as level
CONTROL ACCESS
D1 locked bit
D2:D7 not locked bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com