Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 201 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 201 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 197Page - STMicroelectronics L9788 Datasheet HTML 198Page - STMicroelectronics L9788 Datasheet HTML 199Page - STMicroelectronics L9788 Datasheet HTML 200Page - STMicroelectronics L9788 Datasheet HTML 201Page - STMicroelectronics L9788 Datasheet HTML 202Page - STMicroelectronics L9788 Datasheet HTML 203Page - STMicroelectronics L9788 Datasheet HTML 204Page - STMicroelectronics L9788 Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 264 page
background image
DS12308 Rev 4
201/264
L9788
Micro second channel (MSC) interface
263
0: 39 kHz
1: 64 kHz (default)
18.5.10
CONFIG-REG 10
WDA_RESP[0:7]
Q&A WD response according to Table 21.
18.5.11
CONFIG-REG 11
[7] O2H2_OC_FLT
Select the OVC filter time for O2H2.
0: select I_LS_ocv_flt (default)
1: select I_LS_ocv_flt x 2
[6] VDD5_OFF_SEL
VDD5 disabled by VB_IN UV:
0 VDD5 depends on VB_IN (default)
C
0
C
1
C
2
C
3
C
4
C
5
C
6
D0
D1
D2
D3
D4
D5
D6
D7
CONFIG-
REG 10
0
0 0 1 1 0 1 WDA_RESP[0:7]
RW
DEFAULT
0
0
0
0
0
0
0
0
RESET SOURCE
D0:D7
v3v3a_ov, v3v3a_uv, v3v3d_ov, v3v3d_uv, vdd5_ov, vdd5_uv, vddio_uv,
err_cnt>7, sw_reset, after_run_reset, RSTN_IN
ACTIVATION
D0:D7 bits active as level
CONTROL ACCESS
D0:D7 not locked bits
C
0
C
1
C
2
C3
C
4
C
5
C
6
D0
D1
D2
D3
D4
D5
D6
D7
CONFIG
-REG 11
0
1 1
0
1 1 1
LIN/KLIN
E SEL
LIN_E
RR_E
N[0]
LIN_E
RR_E
N[1]
LIN_E
RR_E
N[2]
LIN_T
X_EN
LIN_TX_D
IS_FOR_
WDA_ER
R
VDD5_O
FF_SEL
O2H2_
OC_FL
T
RW
DEFAULT
0
0
0
0
0
1
0
0
RESET SOURCE
D0:D7
v3v3a_ov, v3v3a_uv, v3v3d_ov, v3v3d_uv, vdd5_uv, vddio_uv, sw_reset,
after_run_reset, RSTN_IN
ACTIVATION
D0:D7 bits active as level
CONTROL ACCESS
D0:D7 not locked bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com