Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 199 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 199 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 195Page - STMicroelectronics L9788 Datasheet HTML 196Page - STMicroelectronics L9788 Datasheet HTML 197Page - STMicroelectronics L9788 Datasheet HTML 198Page - STMicroelectronics L9788 Datasheet HTML 199Page - STMicroelectronics L9788 Datasheet HTML 200Page - STMicroelectronics L9788 Datasheet HTML 201Page - STMicroelectronics L9788 Datasheet HTML 202Page - STMicroelectronics L9788 Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 264 page
background image
DS12308 Rev 4
199/264
L9788
Micro second channel (MSC) interface
263
18.5.8
CONFIG-REG 8
[7] HYS_FB_SEL:
0: VRS hyst. Feedback connected before adaptive filter (default)
1: VRS hyst. Feedback connected after adaptive filter
[6] EN_FALLING_FILT:
0: Falling edge filter disabled (default)
1: Falling edge filter enabled
[5:3] VRS_HYST[2:0]
000: Hys current = 17 µA (Hys VRS = 347 mV with 10 kΩ ext resistors) (default)
001: Hys current = 5 µA (Hys VRS=100mV with 10 kΩ ext resistors)
010: Hys current = 10 µA (Hys VRS=200mV with 10 kΩ ext resistors)
011: Hys current = 17 µA (Hys VRS=347mV with 10 kΩ ext resistors)
100: Hys current = 32 µA (Hys VRS=644mV with 10 kΩ ext resistors)
101: Hys current = 51 µA (Hys VRS=967mV with 10 kΩ ext resistors)
110: Hys current = 17 µA (Hys VRS=347mV with 10 kΩ ext resistors)
111: Hys current = 0 µA (used only for test purpose)
[2:1] VRS_MODE[1:0]
Internal auto-adaptive hysteresis OFF allows to configure hysteresis by MSC. Internal auto-
adaptive hysteresis ON selects higher hysteresis between the one configured by MSC and
the one internally computed by peak voltage.
Internal auto-adaptive filter time ON works properly only in full adaptive mode, in limited
adaptive mode filter time ON is fixed to 4 us. Internal auto-adaptive filter time OFF allows to
bypass the filter in both modalities.
00: Internal auto-adaptive hysteresis OFF, internal auto-adaptive filter time OFF
01: Internal auto-adaptive hysteresis ON, internal auto-adaptive filter time OFF
10: Internal auto-adaptive hysteresis OFF, internal auto-adaptive filter time ON (default)
C
0
C
1
C
2
C
3
C
4
C
5
C
6
D0
D1
D2
D3
D4
D5
D6
D7
CONFIG-
REG 8
1
0 1 1 0 1 1
VRS
_DIA
G
VRS
_MODE[0:1]
VRS
_HYS2[0:2]
EN_FALLING_FILT
HYS_FB_SEL
RW
DEFAULT
0
0
1
0
0
0
0
0
RESET SOURCE
D0:D7
v3v3a_ov, v3v3a_uv, v3v3d_ov, v3v3d_uv, vdd5_uv, vddio_uv, sw_reset,
after_run_reset, RSTN_IN
ACTIVATION
D0:D7 bits active as level
CONTROL ACCESS
not locked bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com