Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 196 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 196 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 192Page - STMicroelectronics L9788 Datasheet HTML 193Page - STMicroelectronics L9788 Datasheet HTML 194Page - STMicroelectronics L9788 Datasheet HTML 195Page - STMicroelectronics L9788 Datasheet HTML 196Page - STMicroelectronics L9788 Datasheet HTML 197Page - STMicroelectronics L9788 Datasheet HTML 198Page - STMicroelectronics L9788 Datasheet HTML 199Page - STMicroelectronics L9788 Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 264 page
background image
Micro second channel (MSC) interface
L9788
196/264
DS12308 Rev 4
MOSFET pre-driver VDS threshold
000: VTH_DS_000 150mV (default)
001: VTH_DS_001 245mV
010: VTH_DS_010 325mV
011: VTH_DS_011 405mV
100: VTH_DS_100 525mV
101: VTH_DS_101 660mV
110: VTH_DS_110 950mV
[1:0] PRD5_IDRV[1:0]
MOSFET pre-driver current driving strength
00: IDRV_00 20mA (default)
01: IDRV_01 10mA
10: IDRV_10 4mA
11: IDRV_11 2mA
18.5.6
CONFIG-REG 6
[7] IGN_LSD_DIS
Disable for LSD stage in igniter driver to be used with IGBT load
0: LSD enable
1: LSD disabled (default)
[6] EOT_MODE
Bit going to Wake Up Timer Logic
Selection for EOT function
C
0
C
1
C
2
C
3
C
4
C
5
C
6
D0
D1
D2
D3
D4
D5
D6
D7
CONFIG
-REG 6
1
1 0 0 1 1 1
PRD3_VDS[0:2]
PRD4_VDS[0:2]
EOT_MODE
IGN_LSD_DIS
RW
DEFAULT
0
0
0
0
0
0
1
1
RESET SOURCE
D0:D5, D7
v3v3a_ov, v3v3a_uv, v3v3d_ov, v3v3d_uv, vdd5_uv, vddio_uv, sw_reset,
after_run_reset, RSTN_IN
D6
the read bit is from satellite logic on VB_STBY and is not affected by reset
matrix
ACTIVATION
D0:D7 bits active as level
CONTROL ACCESS
D0:D7 not locked bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com