Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 194 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 194 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 190Page - STMicroelectronics L9788 Datasheet HTML 191Page - STMicroelectronics L9788 Datasheet HTML 192Page - STMicroelectronics L9788 Datasheet HTML 193Page - STMicroelectronics L9788 Datasheet HTML 194Page - STMicroelectronics L9788 Datasheet HTML 195Page - STMicroelectronics L9788 Datasheet HTML 196Page - STMicroelectronics L9788 Datasheet HTML 197Page - STMicroelectronics L9788 Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 264 page
background image
Micro second channel (MSC) interface
L9788
194/264
DS12308 Rev 4
1: starter functions (DELAY OFF) enable for driver STR[2] (default)
[3] LSD/HSD_DRV3-CFG
1: LOW-SIDE configuration for STR3 driver (default)
0: HIGH-SIDE configuration for STR3 driver
[2] LSD/HSD_DRV2-CFG
1: LOW-SIDE configuration for STR2 driver (default)
0: HIGH-SIDE configuration for STR2 driver
[1] LSD/HSD_DRV1-CFG
1: LOW-SIDE configuration for STR1 driver (default)
0: HIGH-SIDE configuration for STR1 driver
[0] RLY4_DLY_OFF_EN
Enable delay off for RLY4 driver.
0: disabled
1: enabled (default)
18.5.4
CONFIG-REG 4
[7:6] PRD4_IDRV[1:0]
MOSFET pre-driver current driving strength
00: IDRV_00 20mA (default)
01: IDRV_01 10mA
10: IDRV_10 4mA
11: IDRV_11 2mA
[5:4] PRD3_IDRV[1:0]
MOSFET pre-driver current driving strength
00: IDRV_00 20mA (default)
01: IDRV_01 10mA
C
0
C
1
C
2
C
3
C
4
C
5
C
6
D0
D1
D2
D3
D4
D5
D6
D7
CONFIG-
REG 4
1
1 0 0 0 0 1
PRD1_IDRV[0:1]
PRD2_IDRV[0:1] PRD3_IDRV[0:1]
PRD4_IDRV[0:1]
RW
DEFAULT
0
00
0
0
00
0
RESET SOURCE
D0:D7
v3v3a_ov, v3v3a_uv, v3v3d_ov, v3v3d_uv, vdd5_uv, vddio_uv, sw_reset,
after_run_reset, RSTN_IN
ACTIVATION
D0:D7 bits active as level
CONTROL ACCESS
not locked bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com