Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 193 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 193 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 189Page - STMicroelectronics L9788 Datasheet HTML 190Page - STMicroelectronics L9788 Datasheet HTML 191Page - STMicroelectronics L9788 Datasheet HTML 192Page - STMicroelectronics L9788 Datasheet HTML 193Page - STMicroelectronics L9788 Datasheet HTML 194Page - STMicroelectronics L9788 Datasheet HTML 195Page - STMicroelectronics L9788 Datasheet HTML 196Page - STMicroelectronics L9788 Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 264 page
background image
DS12308 Rev 4
193/264
L9788
Micro second channel (MSC) interface
263
[3] VRS_MODE_SEL: VRS mode
0: limited adaptive (default)
1: full adaptive
[2:1] F_DO_SEL [1:0] Upstream clock ratio selection.
00: fDO= fCL/ 16
01: fDO= fCL/ 32(default)
10: fDO= fCL/ 64
11: fDO= fCL/ 128
[0] MSC_ACT_EN: MSC activity monitoring enable
0: MSC activity monitoring function is disabled
1: MSC activity monitoring function is enabled (default)
18.5.3
CONFIG-REG 3
[7:6] SEO_DELAY_DELAY[1:0]
Delay from KEY_OFF for SEO function activation.
00: 100 ms (default)
01: 200 ms
10: 400 ms
11: 800 ms
[5] STR3_EN
0: disable
1: starter functions (DELAY OFF) enable for driver STR[3] (default)
[4] STR2_EN
0: disable
C
0
C
1
C
2
C
3
C
4
C
5
C
6
D0
D1
D2
D3
D4
D5
D6
D7
CONFIG-
REG 3
1
1
1
1
0
0
1
RLY4_
DLY_
OFF_
EN
LSD/H
SD_D
RV1-
CFG
LSD/H
SD_D
RV2-
CFG
LSD/H
SD_D
RV3-
CFG
SRT2_
EN
STR3_
EN
T_SEO_DELAY[0:
1]
RW
DEFAULT
1111
110
0
RESET SOURCE
D0:D7
v3v3a_ov, v3v3a_uv, v3v3d_ov, v3v3d_uv, vdd5_uv, vddio_uv,
sw_reset, after_run_reset, RSTN_IN
ACTIVATION
D0:D7 bits active as level
CONTROL ACCESS
locked bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com