Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 191 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 191 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 187Page - STMicroelectronics L9788 Datasheet HTML 188Page - STMicroelectronics L9788 Datasheet HTML 189Page - STMicroelectronics L9788 Datasheet HTML 190Page - STMicroelectronics L9788 Datasheet HTML 191Page - STMicroelectronics L9788 Datasheet HTML 192Page - STMicroelectronics L9788 Datasheet HTML 193Page - STMicroelectronics L9788 Datasheet HTML 194Page - STMicroelectronics L9788 Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 264 page
background image
DS12308 Rev 4
191/264
L9788
Micro second channel (MSC) interface
263
18.5.1
CONFIG-REG 1
[6:7] WAKE_UP_TIMER_START_STOP [0:1]
Start/stop Wake_up_timer counter
10: (stop)
wake up timer stops (default)
01: (start) → 10 (stop) wake up timer counter value hold
10: (stop) → 01 (start) wake up timer starts from h'000001
01: (start)
wake up timer counter is running
Application note: after a start/stop command 500us must be waited to have the command
be effective in the EOT clock domain.
[5] BOOST_EN
Boost enable.
1: enabled (default)
0: disabled
[4] LED2_PD_EN
Enable the pull down current (open load diagnosis not available) for LED2 driver
0: pull down current disabled (LED mode enabled) (default)
1: enable
[3] LED1_PD_EN
Enable the pull down current (open load diagnosis not available) for LED1 driver
0: pull down current disabled (LED mode enabled) (default)
1: enable
[2:1] PHOLD_TIME[1:0]
C
0
C
1
C
2
C
3
C
4
C
5
C
6
D0
D1
D2
D3
D4
D5
D6
D7
CONFIG-
REG 1
0
0 1 1 1 1 1
PHOLD_E
N
PHOLD_TIME[0:
1]
LED1_
PD_EN
LED2_
PD_E
N
BOOS
T_EN
WAKE_UP_TIM
ER_START_ST
OP[0:1]
RW
DEFAULT
0
0
0
0
0
1
1
0
RESET SOURCE
D0:D5
v3v3a_ov, v3v3a_uv, v3v3d_ov, v3v3d_uv, vdd5_uv, vddio_uv, sw_reset,
after_run_reset, RSTN_IN
D6:D7
the read bits are from satellite logic on VB_STBY and are not affected by
reset matrix
ACTIVATION
D0:D7 bits active as level
CONTROL ACCESS
not locked
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com