Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 192 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 192 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 188Page - STMicroelectronics L9788 Datasheet HTML 189Page - STMicroelectronics L9788 Datasheet HTML 190Page - STMicroelectronics L9788 Datasheet HTML 191Page - STMicroelectronics L9788 Datasheet HTML 192Page - STMicroelectronics L9788 Datasheet HTML 193Page - STMicroelectronics L9788 Datasheet HTML 194Page - STMicroelectronics L9788 Datasheet HTML 195Page - STMicroelectronics L9788 Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 264 page
background image
Micro second channel (MSC) interface
L9788
192/264
DS12308 Rev 4
Set the power hold timeout.
00: timeout disabled (default)
01: 500 ms
10: 5 minutes
11: 20 minutes
[0] PHOLD_EN
Enable the power hold function.
0: disabled (default)
1: enabled
18.5.2
CONFIG-REG 2
[7] IPUPD_MODE
Enable the fast charge current I_LS_PU1 required by driver fast off diagnosis.
0: fast charge current disabled
1: fast charge current enabled (default)
[6] IPUPD_EN
Enable the driver off diagnosis and the currents I_LS_PU2, I_LS_PD1 required by it.
0: off diagnosis disabled (default)
1: off diagnosis enabled
[5] IGN_DIAG.
0: IGN diagnosis off (default)
1: IGN diagnosis on
[4] IGN_CURRENT_CFG.
0: I1_HS_IGN current selected 15-30 mA (default)
1: I2_HS_IGN current selected 5-15 mA
C
0
C
1
C
2
C
3
C
4
C
5
C
6
D0
D1
D2
D3
D4
D5
D6
D7
CONFIG-
REG 2
0
1 1 1 1 0 1
MSC_ACT
_EN
F_DO_SE
L[0:1]
VRS_MODE
_SEL
IGN_CU
RRENT
_CFG
IGN_
DIAG
IPUPD
_EN
IPUPD_
MODE
RW
DEFAULT
1
1
0
0
0
0
0
1
RESET SOURCE
D0:D7
v3v3a_ov, v3v3a_uv, v3v3d_ov, v3v3d_uv, vdd5_uv, vddio_uv, sw_reset,
after_run_reset, RSTN_IN
ACTIVATION
D0:D7 bits active as level
CONTROL ACCESS
not locked bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com