Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 224 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 224 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 220Page - STMicroelectronics L9788 Datasheet HTML 221Page - STMicroelectronics L9788 Datasheet HTML 222Page - STMicroelectronics L9788 Datasheet HTML 223Page - STMicroelectronics L9788 Datasheet HTML 224Page - STMicroelectronics L9788 Datasheet HTML 225Page - STMicroelectronics L9788 Datasheet HTML 226Page - STMicroelectronics L9788 Datasheet HTML 227Page - STMicroelectronics L9788 Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 264 page
background image
Micro second channel (MSC) interface
L9788
224/264
DS12308 Rev 4
18.6.6
Upstream Bit Map Read6 (DRIVER DIAGNOSIS)
FRAME[1:4]: Driver diagnosis for driver
STA: driver diagnosis: error in driver status
The driver status is detected by reading the STG comparator in on and off, it should be
aligned with command (msc command and enabling).
0: aligned, no error
1: not aligned, error
STG/STB: driver diagnosis: short to ground/battery
0: no fault (default)
1: for low-side and igniter drivers: short to ground fault
for high-side driver: short to battery fault
OPL: driver diagnosis: open load
0: no fault (default)
1: open load fault
OVC: driver diagnosis: over current
0: no fault (default)
1: over current faul
Table 98. MSC Interface Upstream Bit Map Read6
ADDRESS
DATA
A0 A1 A2 A3
D0
D1
D2
D3
D4
D5
D6
D7
FRAME1 0
0
0
0
DIAG INJ1
DIAG INJ2
STA
STG
OPL
OVC
STA
STG
OPL
OVC
FRAME2 0
0
1
0
DIAG INJ3
DIAG INJ4
STA
STG
OPL
OVC
STA
STG
OPL
OVC
FRAME3 0
0
0
1
DIAG O2H1
STA
STG
OPL
OVC
FRAME4 0
0
1
1
DIAG O2H2
STA
STG
OPL
OVC
source
logic on VB_IN (main logic)
access
clear-on-read
Clear on Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com