Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 228 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 228 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 224Page - STMicroelectronics L9788 Datasheet HTML 225Page - STMicroelectronics L9788 Datasheet HTML 226Page - STMicroelectronics L9788 Datasheet HTML 227Page - STMicroelectronics L9788 Datasheet HTML 228Page - STMicroelectronics L9788 Datasheet HTML 229Page - STMicroelectronics L9788 Datasheet HTML 230Page - STMicroelectronics L9788 Datasheet HTML 231Page - STMicroelectronics L9788 Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 264 page
background image
Micro second channel (MSC) interface
L9788
228/264
DS12308 Rev 4
[5] RESP_ERR
1: 1 byte of 32-bit response is incorrect: one of the response bytes in the current sequencer
run is wrong, reading WDA status register after the 4th byte write implies that this flag will
always be read as 0.
reset to zero at each sequencer-run
[4] RESP_Z0
1: Controller set response time to 0ms
a correct response within the time window nevertheless increments the error counter by one
0: Response-time is greater than 0ms
[3] CHRT
1: Controller has changed response time
reset to zero after a read access and after the next sequencer run
[2] W_RESP
1: if one of the RESP_BYTEx was incorrect during the previous sequencer run;
0: otherwise
[1] NO_RESP
1: in case of no response at all timer is restarted automatically
reset to zero after a read access
[0] RESP_TOO_EARLY
1: in case the 4 response bytes arrive before time window starts during the previous
sequencer run;
Reset to zero at each sequencer run
FRAME[3]: WATCHDOG PWR_RST_CNT
[7] WDA_RST
See reset matrix
[5:3] PWR_CNT[2:0]
Current value of PWR_CNT register
[2:0] RST_CNT[2:0]
Current value of RST_CNT register
FRAME[4]: WATCHDOG RESPTIME
[7:6] CONFIG-REG9_1
[5:0] RESPTIME[5:0]
CONFIG-REG9_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com