Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 232 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 232 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 228Page - STMicroelectronics L9788 Datasheet HTML 229Page - STMicroelectronics L9788 Datasheet HTML 230Page - STMicroelectronics L9788 Datasheet HTML 231Page - STMicroelectronics L9788 Datasheet HTML 232Page - STMicroelectronics L9788 Datasheet HTML 233Page - STMicroelectronics L9788 Datasheet HTML 234Page - STMicroelectronics L9788 Datasheet HTML 235Page - STMicroelectronics L9788 Datasheet HTML 236Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 264 page
background image
Micro second channel (MSC) interface
L9788
232/264
DS12308 Rev 4
18.6.12
Upstream Bit Map Read12 (PHOLD+POWER_UP+ADC)
FRAME[1:2]: POWER_HOLD TIMER
It is the counter used to reach the timeout selected by PHOLD_TIME[0:1] configuration bits.
The run time is derived from the PHOLD_TIMER[14:0] according to the formula:
run time = PHOLD_TIMER[14:0] * 279 ms
FRAME[3]: POWER_UP
[0] KEY_IN_DET
Latch status of activation of KEY_IN signal
0: low level detected on KEY_IN signal
1: high level on KEY_IN signal
[1] WK_IN_DET
Latch status of activation of WK_IN signal.
0: no positive edge detected on WK_IN signal
Table 104. MSC Interface Upstream Bit Map Read12
ADDRESS
DATA
A0 A1 A2 A3
D0
D1
D2
D3
D4
D5
D6
D7
FRAME1 0
0
0
0
PHOLD
PHOLD
_TIME
STATUS
PHOLD
TIMER
[0]
PHOLD
TIMER
[1]
PHOLD
TIMER
[2]
PHOLD
TIMER
[3]
PHOLD
TIMER
[4]
PHOLD
TIMER[5]
PHOLD
TIMER[6]
FRAME2 0
0
1
0
PHOLD
PHOLD
TIMER
[7]
PHOLD
TIMER
[8]
PHOLD
TIMER
[9]
PHOLD
TIMER
[10]
PHOLD
TIMER
[11]
PHOLD
TIMER
[12]
PHOLD
TIMER
[13]
PHOLD
TIMER
[14]
FRAME3 0
0
0
1
POWER UP
EOT_ST
ATUS
ADC
KEY_IN
_DET
WK_IN
_DET
WAKE_
UP_EO
T_DET
WAKE_
UP_CAN
_DET
FAULT_
WARN
EOT(1)
ADC[0]
ADC[1]
FRAME4 0
0
1
1
ADC
ADC[2]
ADC[3]
ADC[4]
ADC[5]
ADC[6]
ADC[7]
ADC[8]
ADC[9]
source
FRAME[1]D[0:7] FRAME[2]D[0:7] FRAME[3]D[0:4] FRAME[3]D[6:7]
FRAME[4]D[0:7]
logic on VB_IN (main logic)
FRAME[3]D[5]
logic on VB_STBY (Wake Up Timer logic)
access
read
1. Bit in satellite logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com