Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 235 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 235 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 231Page - STMicroelectronics L9788 Datasheet HTML 232Page - STMicroelectronics L9788 Datasheet HTML 233Page - STMicroelectronics L9788 Datasheet HTML 234Page - STMicroelectronics L9788 Datasheet HTML 235Page - STMicroelectronics L9788 Datasheet HTML 236Page - STMicroelectronics L9788 Datasheet HTML 237Page - STMicroelectronics L9788 Datasheet HTML 238Page - STMicroelectronics L9788 Datasheet HTML 239Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 264 page
background image
DS12308 Rev 4
235/264
L9788
Micro second channel (MSC) interface
263
0: trimming content not written or not valid (parity check fail) (default)
(in this case the trimming content is anyway used)
1: trimming content written and valid
WAKE_UP_CAN_DET_AUTO
0: No Wakeup pattern detected in sleep mode with UCHIP-ON and CAN_AUTO_BIAS =
1(CONFIG-REG 21 D7) (default)
1: Wakeup pattern detected
18.6.14
Upstream Bit Map Read14 (THERMAL WARNING AND CAN)
FRAME[1:3]: OVERTEMPERATURE
0: no fault (default)
1: overtemperature detected on the corresponding block
FRAME[3:4]:
Table 106. MSC Interface Upstream Bit Map Read14
ADDRESS
DATA
A0 A1 A2 A3
D0
D1
D2
D3
D4
D5
D6
D7
FRAME1 0
0
0
0
OVERTEMPERATURE
OVT[1]
OVT[2]
OVT[3]
OVT[4]
OVT[5]
OVT[6]
OVT[7]
OVT[8]
FRAME2 0
0
1
0
OVERTEMPERATURE
OVT[9]
OVT[10] OVT[11] OVT[12]
OVT[13]
OVT[14] OVT[15]
OVT[16]
FRAME3 0
0
0
1
OVERTEMPERATURE
CONFIG-REG 17_1
OVT[17] OVT[18] OVT[19]
VDD_
CAN_OV
(1)
CAN_EN
(1)
CAN_TX
_EN(1)
CAN_
RX_EN
(1)
CAN_
WAKEU
P_EN(1)
FRAME4 0
0
1
1
CONFIG-REG 17_1 CAN DIAG
CAN_
PATTER
N_EN(1)
CAN_
2_5_MB
(1)
CAN_
TXD_
DOM (1)
CAN_
PERM_
REC(1)
CAN_
PERM_
DOM(1)
CAN_
RXD_
REC(1)
CAN_
SILENT
(1)
CAN_
SUP_L
OW(1)
source
FRAME[1]D[0:7] FRAME[2]D[0:7] FRAME[3]D[0:2]
logic on VB_IN (main logic)
FRAME[3]D[4:7] FRAME[4]D[0:7]
logic on VB_STBY (Can logic)
access
FRAME[3]D[4:7] FRAME[4]D[0:1]
read
FRAME[1]D[0:7] FRAME[2]D[0:7] FRAME[3]D[0:3] FRAME[4]D[2:7]
clear on read
1. Bit in satellite logic.
Clear on Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com