Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 230 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 230 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 226Page - STMicroelectronics L9788 Datasheet HTML 227Page - STMicroelectronics L9788 Datasheet HTML 228Page - STMicroelectronics L9788 Datasheet HTML 229Page - STMicroelectronics L9788 Datasheet HTML 230Page - STMicroelectronics L9788 Datasheet HTML 231Page - STMicroelectronics L9788 Datasheet HTML 232Page - STMicroelectronics L9788 Datasheet HTML 233Page - STMicroelectronics L9788 Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 264 page
background image
Micro second channel (MSC) interface
L9788
230/264
DS12308 Rev 4
[3] FREQ_ERR
Main OSC and checker OSC running with more than +/- 20% freq difference
0: no fault (default)
1: clocks out of frequency or stucked
[4] CLK_MON_FAULT
Main OSC and checker OSC running with more than +/- 30% freq difference
0: no fault (default)
1: clocks out of frequency or stucked (drivers disabled)
[5] OSC_STUCK
Main OSC or checker OSC stuck
0: no fault (default)
1: clocks stucked (drivers disabled)
[6] OL_RED
CONFIG_REG21 BIT 1
[7] VRS_DIAG
VRS diagnosis result
0: no fault detected (default)
1: generic fault detected
FRAME[2]: BIST
[0] BIST_V3V3
Bist result for V3V3 regulator
0: bist pass (default)
1: bist fail
[1] BIST_VDD5
Bist result for VDD5 regulator
0: bist pass (default)
1: bist fail
[2:7] BIST_IGN
Bist result for Igniter drivers
0: bist pass (default)
1: bist fail
FRAME[3]: BIST/LIN
[0] BIST_END
End of Bist operation
0: bist not end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com