Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 229 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 229 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 225Page - STMicroelectronics L9788 Datasheet HTML 226Page - STMicroelectronics L9788 Datasheet HTML 227Page - STMicroelectronics L9788 Datasheet HTML 228Page - STMicroelectronics L9788 Datasheet HTML 229Page - STMicroelectronics L9788 Datasheet HTML 230Page - STMicroelectronics L9788 Datasheet HTML 231Page - STMicroelectronics L9788 Datasheet HTML 232Page - STMicroelectronics L9788 Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 264 page
background image
DS12308 Rev 4
229/264
L9788
Micro second channel (MSC) interface
263
18.6.11
Upstream Bit Map Read11 (SAFETY+BIST+VRS+LIN+ASIC_REV)
FRAME[1]: SAFETY/VRS
[0] TRANS_L
Wrong command frame or data frame down stream length (longer than 16 bits)
0: no fault (default)
1: down stream frame length incorrect
[1] TRANS_F
No valid the data frame for longer than tMSC_mon
0: no fault (default)
1: no data stream within tMSC_mon time out
[2] CMD_ERR
This bit is address error(C0-C5) of previous command Frame
0: no fault (default)
1: command error
Table 103. MSC Interface Upstream Bit Map Read11
ADDRESS
DATA
A0 A1 A2 A3
D0
D1
D2
D3
D4
D5
D6
D7
FRAME1 0
0
0
0
SAFETY/VRS
TRANS_L TRANS_F CMD_ERR
FREQ
_ERR
CLK_
MON_
FAULT
OSC_S
TUCK
OL_
RED
VRS_DIAG
FRAME2 0
0
1
0
BIST
V3V3
VDD5
IGN1
IGN2
IGN3
IGN4
IGN5
IGN6
FRAME3 0
0
0
1
BIST/LIN
BIST_END
INJ1
INJ2
INJ3
INJ4
DRIVER
_EN
LIN/
KLINE
STAT
US
LOCK
FRAME4 0
0
1
1
ASIC REVISION[0:7]
11
0
0
0
1
0
0
source
logic on VB_IN (main logic)
access
FRAME[1]D[6] FRAME[3][5:7] FRAME[4]D0:7]
read
FRAME[1]D[0:5] FRAME[1]D[7] FRAME[2]D[0:7] FRAME[3]D[0:4]
clear-on-read
Clear on Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com