Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 240 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 240 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 236Page - STMicroelectronics L9788 Datasheet HTML 237Page - STMicroelectronics L9788 Datasheet HTML 238Page - STMicroelectronics L9788 Datasheet HTML 239Page - STMicroelectronics L9788 Datasheet HTML 240Page - STMicroelectronics L9788 Datasheet HTML 241Page - STMicroelectronics L9788 Datasheet HTML 242Page - STMicroelectronics L9788 Datasheet HTML 243Page - STMicroelectronics L9788 Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 264 page
background image
Package information
L9788
240/264
DS12308 Rev 4
Notes:
1.
Dimensioning and tolerancing schemes conform to ASME Y14.5M-1994.
2.
The Top package body size may be smaller than the bottom package size up to 0.15
mm.
3.
Datum A-B and D to be determined at datum plane H.
4.
To be determined at seating datum plane C.
Table 109. LQFP100 (14x14x1.4 mm exp. pad down) package mechanical data
Symbol
Dimensions in mm
Notes:
Min.
Typ.
Max.
Ө
0°
3.5°
6°
-
Ө1
0°
-
-
-
Ө2
10°
12°
14°
-
Ө3
10°
12°
14°
-
A
-
1.40
1.60
15
A1
0.05
-
0.15
12
A2
1.35
1.40
1.45
15
b
0.17
0.22
0.27
9, 11
b1
0.17
0.20
0.23
11
c
0.09
-
0.20
11
c1
0.09
-
0.16
11
D
16.00 BSC
4
D1
16.00 BSC
5, 2
D2
VARIATIONS
13
D3
VARIATIONS
14
e
0.50 BSC
-
E
16.00 BSC
4
E1
14.00 BSC
5, 2
E2
VARIATIONS
13
E3
VARIATIONS
14
L
0.45
0.60
0.75
-
L1
1.00 REF
-
N
100
16
R1
0.08
---
R2
0.08
-
0.20
-
S
0.20
-
-
-
Tolerance of form and position
aaa
0.20
1, 7
bbb
0.20
ccc
0.08
ddd
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com