Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 243 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 243 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 239Page - STMicroelectronics L9788 Datasheet HTML 240Page - STMicroelectronics L9788 Datasheet HTML 241Page - STMicroelectronics L9788 Datasheet HTML 242Page - STMicroelectronics L9788 Datasheet HTML 243Page - STMicroelectronics L9788 Datasheet HTML 244Page - STMicroelectronics L9788 Datasheet HTML 245Page - STMicroelectronics L9788 Datasheet HTML 246Page - STMicroelectronics L9788 Datasheet HTML 247Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 264 page
background image
DS12308 Rev 4
243/264
L9788
Device behavior
263
Appendix A
Device behavior
A.1
Summary of all drivers block
A.2
Slew rate and on/off delay time
Figure 91. Slew rate and on/off delay time
Ton_OUTX is the on delay time of OUTX;
Toff_OUTX is the off delay time of OUTX;
SR_ON is the on slew rate of OUTX;
SR_OFF is the off slew rate of OUTX.
Table 110. Summary of all drivers block
Drivers
Min OVC
value (A)
Rdson (Ω)
Vclamp
Typ (V)
STB
STG
OPL
OVC
INJ
3
0.6
55
√√√
√
SOL
3
0.47
55
√
√
√
√
O2H
3/7.8
0.2
50
√
√
√
√
RLY
1
1.5
50
√√√
√
HSLS
HS
1
1.5
-3.5
√
√
√
√
LS
1
1.5
45
√√√
√
LED
0.07
20
45
√√√
√
MRD
1
-
50
√√√
√
IGN
0.1
7
-
√
√
√
PreMOS
-
-
-
√√√
√
GADG1512160940PS
MSC_EN
Ton_OUTx
Toff_OUTx
SR_OFF
(V/T)
SR_ON
(V/T)
OUTx
t
VB
VB
80%
80%
20%
30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com