Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 260 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 260 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 256Page - STMicroelectronics L9788 Datasheet HTML 257Page - STMicroelectronics L9788 Datasheet HTML 258Page - STMicroelectronics L9788 Datasheet HTML 259Page - STMicroelectronics L9788 Datasheet HTML 260Page - STMicroelectronics L9788 Datasheet HTML 261Page - STMicroelectronics L9788 Datasheet HTML 262Page - STMicroelectronics L9788 Datasheet HTML 263Page - STMicroelectronics L9788 Datasheet HTML 264Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 260 / 264 page
background image
Application diagrams
L9788
260/264
DS12308 Rev 4
B.1
Bill of material
Table 111. Bill of material
Symbol
Parameter
Min
Typ
Max
Unit
Note
C39
Battery filter capacitor
-
4.7
-
nF
-
D3
Reverse battery
protection diode
-
-
-
-
Choice: STTH4R02
D5,D7
TVS diode
-
-
-
-
Choice: TPSMB36A
C42
battery decoupling
capacitor
-
100
nF
C41
battery decoupling
capacitor
-
100
µF
L2
Boost inductance
-
-
-
-
see Table 28
Q10
Boost MOSFET
-
-
-
-
choice: STD20NF06L
see Table 27 and
Table 28
D4
Boost diode
-
-
-
-
choice:
STPS10H100C see
Table 28
C36
Cout_boost
36
40
150
µF
see Table 28
C53
Cout_boost_ALU
0
330
470
µF
see Table 28
R33
Rg
-
2.2
-
Ω
see Table 28
R34
Rg_pd
-
150
-
kΩ
see Table 28
C37
External charge pump
capacitor
80
100
120
nF
see Table 39
R35
Rsense
10
22
30
kΩ
see Table 28
C43
filter capacitor
-
100
-
nF
Optional
R36
KEY_IN protection
resistor
-1
-
kΩ
-
R37
WK_IN protection
resistor
-1
-
kΩ
-
C46, C47, C48,
C49,C44, C54
filter capacitor
-
100
-
nF
-
C38
CBST
-
47
-
nF
see Table 30
L3
Lvpre
15
22
29
µH
see Table 30
D6
Dvbuck_CTRL
-
-
-
-
Choice: STPS5L60-Y
see Table 30
C40
Cvpre
15
40
150
µF
see Table 30
Q11
-
-
-
-
-
choice: STD20NF06L
see Table 34 and
Table 35
C45
CVDD5
5
20
60
µF
see Table 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com