Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 261 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 261 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 256Page - STMicroelectronics L9788 Datasheet HTML 257Page - STMicroelectronics L9788 Datasheet HTML 258Page - STMicroelectronics L9788 Datasheet HTML 259Page - STMicroelectronics L9788 Datasheet HTML 260Page - STMicroelectronics L9788 Datasheet HTML 261Page - STMicroelectronics L9788 Datasheet HTML 262Page - STMicroelectronics L9788 Datasheet HTML 263Page - STMicroelectronics L9788 Datasheet HTML 264Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 261 / 264 page
background image
DS12308 Rev 4
261/264
L9788
Application diagrams
263
C50,C51,C52
CVS1/2/3
0.38
0.47
20
µF
see Table 32
R1,R2,R3,R4,R5,
R11
IGBT gate resistor
-
1
-
kΩ
-
R6,R7,R8,R9,R10,
R12
IGBT Gate discharge
resistor
-4.7
0
kΩ
-
C1,C2,C3,C4,C5,C6
filter capacitor
-
1.5
-
nF
-
R13,R14
MSC differential line
adapting resistor
-100
-
Ω
-
R15
WDA pull-up external
resistor
50
-
250
kΩ
See Table 24
Q7, Q8A, Q8B, Q9A,
Q9B
-
-
-
-
-
choice: STL15DN4F
C7,C8,C9,C10,C11,C1
2,C13,C14,C15,C16,C
17,C18,C19,C20,C21
filter capacitor
-
4.7
-
nF
-
R16, R17
-
-
5.1
-
kΩ
See Table 46
C22,C23
decoupling capacitor
-
100
-
nF
-
R22,R23
protection resistor
-
1
-
kΩ
-
C27, C32
filter capacitor (VRS
sensor configuration)
-100
-
pF
-
C30
filter capacitor (VRS
sensor configuration)
-470
-
pF
-
R26,R27
filter resistor (VRS
sensor configuration)
-
33
-
kΩ
-
C31
filter capacitor (VRS
sensor configuration)
-100
-
nF
-
R25,R28
Protection and reference
resistors (VRS sensor
configuration)
-
10 1%
-
kΩ
see Section 11.2
C35
filter capacitor (Hall
sensor configuration)
-1
-
nF
-
R29
pull-up resistor (Hall
sensor configuration)
-
27
-
kΩ
-
R30
Protection and reference
resistor (Hall sensor
configuration)
-
27
-
kΩ
-
R31,R32
Protection and reference
resistor (Hall sensor
configuration)
-
33
-
kΩ
-
C33,C34
filter capacitor
-
470
-
pF
place close to pin
L1
CAN Choke
-
-
-
-
choice: ACT45B-101
Table 111. Bill of material (continued)
Symbol
Parameter
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com