Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD77533 Datasheet HTML 1Page - Renesas Technology Corp UPD77533 Datasheet HTML 2Page - Renesas Technology Corp UPD77533 Datasheet HTML 3Page - Renesas Technology Corp UPD77533 Datasheet HTML 4Page - Renesas Technology Corp UPD77533 Datasheet HTML 5Page - Renesas Technology Corp UPD77533 Datasheet HTML 6Page - Renesas Technology Corp UPD77533 Datasheet HTML 7Page - Renesas Technology Corp UPD77533 Datasheet HTML 8Page - Renesas Technology Corp UPD77533 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
DATA SHEET
MOS INTEGRATED CIRCUIT
µµµµPD77533
GPS SIGNAL PROCESSOR LSI
Document No. S15671EJ4V0DS00 (4th edition)
Date Published July 2002 N CP(K)
Printed in Japan
PRELIMINARY PRODUCT INFORMATION
DATA SHEET
The mark
shows major revised points.
DESCRIPTION
The
µPD77533 is a GPS (Global Positioning System) signal processor LSI for GPS receivers that realizes the
Wireless Assisted GPS of SnapTrack Inc.
The position of an STI-system GPS receiver is determined by means of positioning functions on the Wireless
Assisted GPS receiver side such as pseudo range calculation and multi-path detection, via communication with a
network location server.
FEATURES
•
Wireless Assisted GPS positioning function
• Pseudo range calculation
• Multi-path detection
• Precise, responsive, and fast positioning via communication with server
•
On-chip SRAM (Mobile specified RAM), host serial, A/D control, and RF control interfaces
•
Power supply voltage
• Internal system power supply: 1.425 to 1.65 V
• I/O pin power supply:
2.7 to 3.6 V
ORDERING INFORMATION
Part Number
Package
µPD77533S1-YHC
108-pin plastic fine-pitch BGA (11
× 11)
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com