Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 62Page - Renesas Technology Corp UPD77533 Datasheet HTML 63Page - Renesas Technology Corp UPD77533 Datasheet HTML 64Page - Renesas Technology Corp UPD77533 Datasheet HTML 65Page - Renesas Technology Corp UPD77533 Datasheet HTML 66Page - Renesas Technology Corp UPD77533 Datasheet HTML 67Page - Renesas Technology Corp UPD77533 Datasheet HTML 68Page - Renesas Technology Corp UPD77533 Datasheet HTML 69Page - Renesas Technology Corp UPD77533 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 104 page
background image
Data Sheet S15671EJ4V0DS
64
µµµµPD77533
[Command]
Table 16-20. Format of Rest Processing Command
Field
Number of Bytes
Form
Description
CMD-ID
1
−
0x34
LENGTH
1
−
0
FLAG
1
−
0x03
[Response]
Table 16-21. Format of Rest Processing Response
Field
Number of Bytes
Form
Description
CMD-ID
1
−
0x34
LENGTH
1
−
4
DATA
Number of processed
satellites
1
unsigned
1 to 32
Total number of satellites
that should be processed
1
unsigned
1 to 32
Current number of times
positioning performed
1
unsigned
From 0
Total number of times
positioning to be
performed
1
unsigned
0 = No control
From 1 = Number of times
FLAG
1
−
0x03
16.17 Error Status
[Function]
Sends notification of an error.
[Command]
Table 16-22. Format of Error Status
Field
Number of Bytes
Form
Description
CMD-ID
1
−
0x3F
LENGTH
1
−
1
DATA
1
unsigned
0 = OK (ACK)
1 = Format error
2 = Timeout error
4 = Undefined CMD-ID error
Else = Undefined
FLAG
1
−
0x03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com