Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 7Page - Renesas Technology Corp UPD77533 Datasheet HTML 8Page - Renesas Technology Corp UPD77533 Datasheet HTML 9Page - Renesas Technology Corp UPD77533 Datasheet HTML 10Page - Renesas Technology Corp UPD77533 Datasheet HTML 11Page - Renesas Technology Corp UPD77533 Datasheet HTML 12Page - Renesas Technology Corp UPD77533 Datasheet HTML 13Page - Renesas Technology Corp UPD77533 Datasheet HTML 14Page - Renesas Technology Corp UPD77533 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
Data Sheet S15671EJ4V0DS
9
µµµµPD77533
1. PIN FUNCTIONS
1.1
Explanation of Pin Functions
•••• Power supply
Pin Name
Pin No.
I/O
Function
IVDD
A6, B9, M8
−
Power supply for core (1.425 to 1.65 V)
EVDD
A5, B11, C2, G3, G11, J2 ,K5, K11
−
Power supply for I/O pins (2.7 to 3.6 V)
GND
A2, A9, B1, B6, C4, C10, C11, D10,
F2, F10, K1, K3, K8, K9, L11, L12,
M2, M6
−
Ground
AVDD
B10
−
Power supply for PLL analog (1.425 to 1.65 V)
AGND
A10
−
Ground for PLL analog
• Clock control
Pin Name
Pin No.
I/O
Function
GPSCLK
D11
Input
GPS reference clock input (16.384 MHz)
Inputs the clock for operating the
µPD77533.
REFCLK
C12
Input
Frequency adjustment reference clock (PDC: 14.4 MHz,
PHS: 19.2 MHz, etc.)
• System control
Pin Name
Pin No.
I/O
Function
RESETB
A8
Input
Internal system reset input
Initializes the
µPD77533.
WKUPB
C9
Input
STOP mode release input
WAKEUP interrupt input: Falling edge detection
STNDBYB
C8
Output
Standby status (STOP or HALT)
0: Standby status
1: Operating
TXACTV
L10
Input
ADDI data mask enable signal
0: Not masked
1: Masked
INVRX
A7
Input
RXD logic inversion setting signal
This signal sets inversion of the host serial input RXD
logic.
0: Not inverted
1: Inverted
• Host serial interface
Pin Name
Pin No.
I/O
Function
RXD
L8
Input
Asynchronous serial input
RTS
M9
Output
Request To Send
CTS
L9
Input
Clear To Send
TXD
M10
Output
Asynchronous serial output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com